Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632C Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1632C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Pin Assignment
Pin Description
Pad Name
I/O
Description
ROW0~ROW23
O
Line drivers. These pins drive the LEDs.
ROW24/COM15~
ROW31/COM8
O
Drive LED outputs or common outputs. Each COM pin is double bonded.
COM0~COM7
O
Common outputs. Each COM pin is double bonded.
SYNC
I/O
If the RC Master Mode or EXT CLK Master Mode command is programmed, the synchro-
nous signal is output to SYN pin.
If the Slave Mode command is programmed, the synchronous signal is input from SYN pin.
OSC
I/O
If the RC Master Mode command is programmed, the system clock source is from on-chip
RC oscillator and system clock is output to OSC pin.
If the Slave Mode or EXT CLK Master Mode command is programmed, the system clock
source is input from external clock via the OSC pin.
DATA
I/O
Serial data input or output with pull-high resistor
WR
I
WRITE clock input with pull-high resistor Data on the DATA lines are latched into the
HT1632C on the rising edge of the WR signal.
RD
I
READ clock input with pull-high resistor. The HT1632C RAM data is clocked out on the
falling edge of the RD signal. The clocked out data will appear on the DATA line. The host
controller can use the next rising edge to latch the clocked out data.
CS
I
Chip select input with pull-high resistor When the CS line is high, the data and command
read from or written to the HT1632C is disabled, and the serial interface circuit is also re-
set. If CS is low, the data and command transmission between the host controller and the
HT1632C are all enabled.
LED_VDD
¾ Positive power supply for driver circuit. Each LED_VDD pin is double bonded.
LED_VSS
¾ Negative power supply for driver circuit, ground. Each LED_VSS pin is double bonded.
VSS
¾ Negative power supply for logic circuit, ground.
VDD
¾ Positive power supply for logic circuit.
HT1632C
Rev. 1.20
2
June 28, 2011
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
H T 1 6 3 2 C
5 2 Q F P - A
R O W 1 1
R O W 1 0
R O W 9
R O W 8
R O W 7
R O W 6
L E D _ V D D
R O W 5
R O W 4
R O W 3
R O W 2
R O W 1
R O W 0
R O W 2 5 / C O M 1 4
L E D _ V D D
R O W 2 6 / C O M 1 3
L E D _ V S S
R O W 2 7 / C O M 1 2
R O W 2 8 / C O M 1 1
R O W 2 9 / C O M 1 0
R O W 3 0 / C O M 9
R O W 3 1 / C O M 8
C O M 7
C O M 6
C O M 5
C O M 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com