Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632C Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1632C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
A.C. Characteristics
VDD=2.4V~5.5V, Ta=25
°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
5V
On-chip RC oscillator
230
256
282
kHz
fLED
LED Duty Cycle & Frame
Frequency
5V
1/8 duty
¾
fSYS/2624
¾
Hz
5V
1/16 duty
¾
fSYS/2624
¾
Hz
fCLK1
Serial Data Clock (WR pin)
5V
Duty cycle 50%
¾¾
1
MHz
fCLK2
Serial Data Clock (RD pin)
5V
Duty cycle 50%
¾¾
500
kHz
tCS
Serial Interface Reset Pulse
Width
¾ CS
250
¾¾
ns
tCLK
WR,RD Input Pulse Width
5V
Write mode
0.5
¾¾
ms
Read mode
1.0
¾¾
tr,tf
Rise/Fall Time Serial Data
Clock Width (Figure 1)
¾¾
¾
50
100
ns
tsu
Setup Time for DATA to WR,
RD Clock Width (Figure 2)
¾¾
50
100
¾
ns
th
Hold Time for DATA to WR,RD,
Clock Width (Figure 2)
¾¾
100
200
¾
ns
tsu1
Setup Time for CS to WR,RD,
Clock Width (Figure 3)
¾¾
200
300
¾
ns
th1
Hold Time for CS to WR,RD,
Clock Width (Figure 3)
¾¾
100
200
¾
ns
tod
Data Output Delay Time
(Figure 4)
¾¾
¾
100
200
ns
HT1632C
Rev. 1.20
4
June 28, 2011
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
V D D
t C L K
Figure 1
5 0 %
V a l i d D a t a
5 0 %
D A T A
W R
C l o c k
G N D
t s u
t h
V D D
G N D
V D D
Figure 2
C S
G N D
5 0 %
5 0 %
F i r s t C l o c k
L a s t C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3
5 0 %
D A T A
R D
G N D
t o d
V D D
G N D
V D D
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com