Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632C Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT1632C Datasheet HTML 16Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 17Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 18Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 19Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 20Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 21Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 22Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 23Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Command Summary
Name
ID
Command Code
D/C
Function
Default
READ
110 A6A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101 A6A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ-MODIFY-
WRITE
101 A6A5A4A3A2A1A0D0D1D2D3
D
Read and Write data to the RAM
SYS DIS
100 0000-0000-X
C
Turn off both system oscillator and LED duty
cycle generator
Yes
SYS EN
100 0000-0001-X
C
Turn on system oscillator
LED Off
100 0000-0010-X
C
Turn off LED duty cycle generator
Yes
LED On
100 0000-0011-X
C
Turn on LED duty cycle generator
BLINK Off
100 0000-1000-X
C
Turn off blinking function
Yes
BLINK On
100 0000-1001-X
C
Turn on blinking function
SLAVE Mode
100 0001-0XXX-X
C
Set slave mode and clock source from external clock, the
system clock input from OSC pin and synchronous signal
input from SYN pin
RC Master
Mode
100 0001-10XX-X
C
Set master mode and clock source from on-chip RC os-
cillator, the system clock output to OSC pin and synchro-
nous signal output to SYN pin
Yes
EXT CLK
Master Mode
100 0001-11XX-X
C
Set master mode and clock source from external clock,
the system clock input from OSC pin and synchronous
signal output to SYN pin
COM Option
100 0010-abXX-X
C
ab=00: N-MOS open drain output and
8 COM option
ab=01: N-MOS open drain output and
16 COM option
ab=10: P-MOS open drain output and
8 COM option
ab=11: P-MOS open drain output and
16 COM option
ab
=00
PWM Duty
100 101X-0000-X
C
PWM 1/16 duty
100 101X-0001-X
C
PWM 2/16 duty
100 101X-0010-X
C
PWM 3/16 duty
100 101X-0011-X
C
PWM 4/16 duty
100 101X-0100-X
C
PWM 5/16 duty
100 101X-0101-X
C
PWM 6/16 duty
100 101X-0110-X
C
PWM 7/16 duty
100 101X-0111-X
C
PWM 8/16 duty
100 101X-1000-X
C
PWM 9/16 duty
100 101X-1001-X
C
PWM 10/16 duty
100 101X-1010-X
C
PWM 11/16 duty
100 101X-1011-X
C
PWM 12/16 duty
100 101X-1100-X
C
PWM 13/16 duty
100 101X-1101-X
C
PWM 14/16 duty
100 101X-1110-X
C
PWM 15/16 duty
100 101X-1111-X
C
PWM 16/16 duty
Yes
HT1632C
Rev. 1.20
21
June 28, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com