Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1632C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
VDD=2.4V~5.5V, Ta=25
°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5.0
5.5
V
IDD
Operating Current
5V
No load, LED ON,
on-chip RC oscillator
¾
0.3
0.6
mA
ISTB
Standby Current
5V
No load, power down mode
¾
1.5
3.0
mA
VIL
Input Low Voltage
5V
DATA, WR,CS,RD
0
¾
0.3VDD
V
VIH
Input High Voltage
5V
DATA, WR,CS,RD
0.7VDD
¾
5V
IOL1
OSC, SYNC, DATA
5V
VOL=0.5V
18
25
¾
mA
IOH1
OSC, SYNC, DATA
5V
VOH=4.5V
-10
-13
¾
mA
IOL2
ROW Sink Current
5V
VOL=0.5V
12
16
¾
mA
IOH2
ROW Source Current
5V
VOH=4.5V
-50
-70
¾
mA
IOL3
COM Sink Current
5V
VOL=0.5V
250
350
¾
mA
IOH3
COM Source Current
5V
VOH=4.5V
-45
-60
¾
mA
RPH
Pull-high Resistor
5V
DATA, WR,CS,RD
18
27
40
k
W
HT1632C
Rev. 1.20
3
June 28, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com