Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9232 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG9232
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG9232 Datasheet HTML 1Page - Vishay Siliconix DG9232 Datasheet HTML 2Page - Vishay Siliconix DG9232 Datasheet HTML 3Page - Vishay Siliconix DG9232 Datasheet HTML 4Page - Vishay Siliconix DG9232 Datasheet HTML 5Page - Vishay Siliconix DG9232 Datasheet HTML 6Page - Vishay Siliconix DG9232 Datasheet HTML 7Page - Vishay Siliconix DG9232 Datasheet HTML 8Page - Vishay Siliconix DG9232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 70837
S11-0984–Rev. F, 23-May-11
www.vishay.com
5
Vishay Siliconix
DG9232, DG9233
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
RDS vs. VCOM
tON/tOFF vs. Power Supply Voltage
VCOM
0
7
14
21
28
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
85
C
25
C
40
C
0
20
40
60
80
100
120
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+
tON
tOFF
Switching Time vs. Temperature
Input Switching Point vs. Power Supply Voltage
0
10
20
30
40
50
60
70
- 60
- 30
0
30
60
90
120
Temperature (°C)
tOFF
tON
V+ = 3 V
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
23
45
6
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com