Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9232 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9232
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9232 Datasheet HTML 1Page - Vishay Siliconix DG9232 Datasheet HTML 2Page - Vishay Siliconix DG9232 Datasheet HTML 3Page - Vishay Siliconix DG9232 Datasheet HTML 4Page - Vishay Siliconix DG9232 Datasheet HTML 5Page - Vishay Siliconix DG9232 Datasheet HTML 6Page - Vishay Siliconix DG9232 Datasheet HTML 7Page - Vishay Siliconix DG9232 Datasheet HTML 8Page - Vishay Siliconix DG9232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 70837
S11-0984–Rev. F, 23-May-11
Vishay Siliconix
DG9232, DG9233
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Charge Injection
Leakage Current vs. Temperature
Off-Leakage vs. Voltage at 25 °C
- 2.0
- 1.5
- 1.0
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM
V+ = 3 V
- 0.5
25
45
65
85
105
125
Temperature (°C)
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
ICOM(on)
ICOM(off)
ñ2.5
ñ2.0
ñ1.5
ñ1.0
ñ0.5
0.0
0.5
1.0
1.5
2.0
2.5
012345
VCOM
V+ = 5 V
ICOM
INO/NC
Supply Current vs. VIN
Off-Isolation vs. Frequency
RDS vs. VCOM
- 500
0
500
1000
1500
2000
2500
3000
012345
VIN
V+ = 3 V
V+ = 5 V
- 140
- 120
- 100
-80
-60
-40
Frequency (Hz)
0.1 M
1 M
10 M
0.01 M
0.001 M
12
15
18
21
24
27
30
012345
V+ = 3 V
V+ = 5 V
VCOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com