Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9232 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9232
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9232 Datasheet HTML 1Page - Vishay Siliconix DG9232 Datasheet HTML 2Page - Vishay Siliconix DG9232 Datasheet HTML 3Page - Vishay Siliconix DG9232 Datasheet HTML 4Page - Vishay Siliconix DG9232 Datasheet HTML 5Page - Vishay Siliconix DG9232 Datasheet HTML 6Page - Vishay Siliconix DG9232 Datasheet HTML 7Page - Vishay Siliconix DG9232 Datasheet HTML 8Page - Vishay Siliconix DG9232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 70837
S11-0984–Rev. F, 23-May-11
www.vishay.com
3
Vishay Siliconix
DG9232, DG9233
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Difference of min and max values.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 5 V, ± 10 %, VIN = 0.8 V or 2.4 V
e
Temp.a
D Suffix
- 40 °C to 85°C
Unit
Min.c
Typ.b
Max.c
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
5
V
Drain-Source On-Resistance
RDS(on)
VNO or VNC = 3.5 V, V+ = 4.5 V
ICOM = 5 mA
Room
Full
20
30
50
RDS(on) Match
d
RDS(on)
VNO or VNC = 3.5 V
Room
0.4
2
RDS(on) Flatness
d
RDS(on)
Flatness
VNO or VNC = 1, 2 and 3 V
Room
2
6
NO or NC Off Leakage Currentg
INO/NC(off)
VNO or VNC = 1 V/4 V, VCOM = 4 V/1 V
Room
Full
- 100
- 5000
10
100
5000
pA
COM Off Leakage Current
ICOM(off)
VCOM = 1 V/4 V, VNO or VNC = 4 V/1 V
Room
Full
- 100
- 5000
10
100
5000
Channel-On Leakage Current
ICOM(on)
VCOM = VNO or VNC = 1 V/4 V
Room
Full
- 200
- 10000
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 3.0 V
Room
Full
35
75
150
ns
Turn-Off Time
tOFF
Room
Full
20
50
100
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
2
5
pC
Off-Isolation
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 74
dB
Crosstalk
XTALK
Room
- 90
NC and NO Capacitance
C(off)
f = 1 MHz
Room
7
pF
Channel-On Capacitance
CD(on)
Room
20
COM-Off Capacitance
CD(off)
Room
13
Power Supply
Positive Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 5.5 V, VIN = 0 or 5.5 V
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com