Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9232 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9232
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9232 Datasheet HTML 1Page - Vishay Siliconix DG9232 Datasheet HTML 2Page - Vishay Siliconix DG9232 Datasheet HTML 3Page - Vishay Siliconix DG9232 Datasheet HTML 4Page - Vishay Siliconix DG9232 Datasheet HTML 5Page - Vishay Siliconix DG9232 Datasheet HTML 6Page - Vishay Siliconix DG9232 Datasheet HTML 7Page - Vishay Siliconix DG9232 Datasheet HTML 8Page - Vishay Siliconix DG9232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
DG9232, DG9233
Document Number: 70837
S11-0984–Rev. F, 23-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low-Voltage Dual SPST Analog Switch
FEATURES
• Low voltage operation (+ 2.7 V to + 5 V)
•
Low on-resistance - RDS(on): 20 
•
Fast switching - tON: 35 ns, tOFF: 20 ns
•
Low leakage - ICOM(on): 200 pA max.
•
Low charge injection - QINJ: 1 pC
•
Low power consumption
•
TTL/CMOS compatible
•
ESD protection > 2000 V (method 3015.7)
•
Available in MSOP-8 and SOIC-8
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Battery operated systems
•
Portable test equipment
•
Sample and hold circuits
•
Cellular phones
•
Communication systems
•
Military radio
•
PBX, PABX guidance and control systems
DESCRIPTION
The DG9232, 9233 is a single-pole/single-throw monolithic
CMOS analog device designed for high performance
switching of analog signals. Combining low power, high
speed (tON: 35 ns, tOFF: 20 ns), low on-resistance (RDS(on):
20
) and small physical size, the DG9232, 9233 is ideal for
portable and battery powered applications requiring high
performance and efficient use of board space.
The DG9232, 9233 is built on Vishay Siliconix’s low voltage
BCD-15 process. Minimum ESD protection, per method
3015.7 is 2000 V. An epitaxial layer prevents latchup.
Break-before -make is guaranteed for DG9232. 9233.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
BENEFITS
•
Reduced power consumption
•
Simple logic interface
•
High accuracy
•
Reduce board space
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
0.8 V
Logic "1"
2.4 V
Logic "0"
0.8 V
Logic "1"
2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
NC1
V+
COM1
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
NO1
V+
COM1
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE - DG9232
Logic
Switch
0
On
1Off
TRUTH TABLE - DG9233
Logic
Switch
0
Off
1On
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
SOIC-8
DG9232DY
DG9232DY-E3
DG9232DY-T1
DG9232DY-T1-E3
DG9233DY
DG9233DY-E3
DG9233DY-T1
DG9233DY-T1-E3
MSOP-8
DG9232DQ-T1-E3
DG9233DQ-T1-E3


Similar Part No. - DG9232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232 VISHAY-DG9232 Datasheet
216Kb / 11P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9232DQ VISHAY-DG9232DQ Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232DQ-T1-E3 VISHAY-DG9232DQ-T1-E3 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9232DQ-T1-E3 VISHAY-DG9232DQ-T1-E3 Datasheet
216Kb / 11P
Low-Voltage Dual SPST Analog Switch
23-May-11
More results

Similar Description - DG9232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com