Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL21081T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL21081T Datasheet HTML 1Page - NXP Semiconductors SSL21081T Datasheet HTML 2Page - NXP Semiconductors SSL21081T Datasheet HTML 3Page - NXP Semiconductors SSL21081T Datasheet HTML 4Page - NXP Semiconductors SSL21081T Datasheet HTML 5Page - NXP Semiconductors SSL21081T Datasheet HTML 6Page - NXP Semiconductors SSL21081T Datasheet HTML 7Page - NXP Semiconductors SSL21081T Datasheet HTML 8Page - NXP Semiconductors SSL21081T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
4 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
6.
Block diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Block diagram SSL2108X
001aan694
JFET
HV
VCC
NTC
GND
DVDT
DRAIN
TONMAX
SOURCE
1.5 V
SUPPLY:
INTERNAL
REGULATOR
AND
BANDGAP
dV/dT
SUPPLY
VALLEY
DETECTION
TOFFMAX
LOGIC
TONMAX
BLANK
LOGIC
CONTROL
AND
PROTECTION
NTC
FUNCTION
THERMAL
SHUTDOWN
POR
0.5 V < >0.25 V
1 (1)
5 (9)
8 (12)
(8)
2 (3)
3 (4)
4 (5)
6, 7
(2, 6, 7, 10, 11)
Fig 2.
Pin configuration for SSL2108X
(SO8)
Fig 3.
Pin configuration for SSL2108X
(SO12)
SSL2108X
HV
DRAIN
SOURCE
GND
VCC
GND
NTC
DVDT
001aan702
1
2
3
4
6
5
8
7
SSL2108X
HV
DRAIN
GND
GND
SOURCE
GND
VCC
DVDT
NTC
TONMAX
GND
GND
001aan703
1
2
3
4
5
6
7
9
8
11
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com