Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL21081T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL21081T Datasheet HTML 1Page - NXP Semiconductors SSL21081T Datasheet HTML 2Page - NXP Semiconductors SSL21081T Datasheet HTML 3Page - NXP Semiconductors SSL21081T Datasheet HTML 4Page - NXP Semiconductors SSL21081T Datasheet HTML 5Page - NXP Semiconductors SSL21081T Datasheet HTML 6Page - NXP Semiconductors SSL21081T Datasheet HTML 7Page - NXP Semiconductors SSL21081T Datasheet HTML 8Page - NXP Semiconductors SSL21081T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
3 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
5.
Ordering information
5.1 Ordering options
Remark: All voltages unless otherwise specified are in V (AC).
[1]
The SO12 package variants have more so called fused leads than the SO8 variants and can be used when
higher output power is required.
IDRAIN
current on pin DRAIN
SSL21083T,
SSL21084T
1
-
1
A
SSL21081T,
SSL21082T
2
-
2
A
VDRAIN
voltage on pin DRAIN
SSL21083T,
SSL21084T
-
-
600
V
SSL21081T,
SSL21082T
-
-
300
V
ton(high)
high on-time
-
-
17.5
s
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL21081T
SSL21083T
SO8
plastic small package outline body; 8 leads; body width
3.9 mm
SOT96-1
SSL21082T
SSL21084T
SO12
plastic small package outline body; 12 leads; body width
3.9 mm
SOT1196-1
Table 3.
Ordering options
SSL2108X
platform variants
Input voltage
Internal MOSFET
characteristics
Package
Brownout
protection
selectable
SSL21081T
100 V; 120 V
300 V; 2
SO8
no
SSL21082T
100 V; 120 V
300 V; 2
SO12
yes
SSL21083T
100 V; 120 V;
230 V
600 V; 5
SO8
no
SSL21084T
100 V; 120 V;
230 V
600 V; 5
SO12
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com