Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL21081T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL21081T Datasheet HTML 10Page - NXP Semiconductors SSL21081T Datasheet HTML 11Page - NXP Semiconductors SSL21081T Datasheet HTML 12Page - NXP Semiconductors SSL21081T Datasheet HTML 13Page - NXP Semiconductors SSL21081T Datasheet HTML 14Page - NXP Semiconductors SSL21081T Datasheet HTML 15Page - NXP Semiconductors SSL21081T Datasheet HTML 16Page - NXP Semiconductors SSL21081T Datasheet HTML 17Page - NXP Semiconductors SSL21081T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
14 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
[1]
This parameter is not tested during production, by design it is guaranteed.
RDSon
drain-source on-state resistance
600 V version;
Tj = 25 C
4.0
5.0
6.0
600 V version;
Tj = 125 C
6.0
7.5
9.0
300 V version;
Tj = 25 C
2.05
2.3
2.55
300 V version;
Tj = 125 C
3.05
3.45
3.85
dV/dt
(DRAIN)
fall rate of change of voltage on
pin DRAIN
300 V version;
CDRAIN = 150 pF,
RSOURCE = 2.2 
[1]
-
1.2
-
V/ns
600 V version;
CDRAIN = 75 pF,
RSOURCE = 1.2 
-
1.5
-
V/ns
NTC functionality
Vth(high)NTC
high threshold voltage on pin
NTC
0.47
0.5
0.53
V
Vth(low)NTC
low threshold voltage on pin NTC
0.325
0.35
0.375
V
Vact(tmr)NTC
timer activation voltage on pin
NTC
0.27
0.3
0.325
V
Vdeact(tmr)NTC
timer deactivation voltage on pin
NTC
0.15
0.2
0.25
V
tto(deact)NTC
deactivation time-out time on pin
NTC
32
44
56
s
Ioffset(NTC)
offset current on pin NTC
47
A
OSP
tdet(sc)
short-circuit detection time
16
20
24
ms
toff(high)
high off-time
30
36
42
s
Temperature protections
Tth(act)otp
overtemperature protection
activation threshold temperature
160
170
180
C
Tth(rel)otp
overtemperature protection
release threshold temperature
90
100
110
C
Table 7.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com