Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL21081T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL21081T Datasheet HTML 3Page - NXP Semiconductors SSL21081T Datasheet HTML 4Page - NXP Semiconductors SSL21081T Datasheet HTML 5Page - NXP Semiconductors SSL21081T Datasheet HTML 6Page - NXP Semiconductors SSL21081T Datasheet HTML 7Page - NXP Semiconductors SSL21081T Datasheet HTML 8Page - NXP Semiconductors SSL21081T Datasheet HTML 9Page - NXP Semiconductors SSL21081T Datasheet HTML 10Page - NXP Semiconductors SSL21081T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
7 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
• Internal OverTemperature Protection (OTP)
• Brownout protection
• Short-Winding Protection (SWP)
• Output Short Protection (OSP)
• LED overtemperature control and protection
The SWP and the OSP are latched protections. These protections cause the IC to halt
until a reset (a result of power cycling) is executed. When Vcc drops lower than Vcc(rst), the
IC resets the latch protection mode. The internal OTP and LED over temperature
protections are safe-restart protections. The IC halts, causing VCC to fall lower than
VCC(stop), and instigates start-up. Switching starts only when no fault condition exists.
8.4.1 UnderVoltage LockOut (UVLO)
When the voltage on the VCC pin drops lower than Vcc(stop), the IC stops switching. An
attempt is then made to restart by supplying VCC from the HV pin voltage.
8.4.2 Leading-Edge Blanking (LEB)
To prevent false detection of the short-winding or overcurrent, a blanking time following
switch-on is implemented. When the internal MOSFET switch turns on there can be a
short current spike due to capacitive discharge of voltage over the drain and source.
During the LEB time (tleb), the spike is disregarded.
8.4.3 OverCurrent Protection (OCP)
The SSL2108X contains a highly accurate peak current detector. It triggers when the
voltage at the SOURCE pin reaches the peak-level Vth(ocp)SOURCE. The current through
the switch is sensed using a resistor connected to the SOURCE pin. The sense circuit is
activated following LEB time tleb. As the LED current is half the peak current (by design), it
automatically provides protection for maximum LED current during operation. There is a
propagation delay between overcurrent detection and the actual closure of the switch
td(ocp-swoff). Due to the delay, the actual peak current is slightly higher than the OCP level
set by the resistor in series to the SOURCE pin.
8.4.4 OverTemperature Protection (OTP)
When the internal OTP function is triggered at a certain IC temperature (Tth(act)otp), the
converter stops operating. The OTP safe-restart protection and the IC restarts again with
switching resuming when the IC temperature drops lower than Tth(rel)otp.
8.4.5 Brownout protection
Brownout protection is designed to limit the lamp power when the input voltage drops
close to the output voltage level. Since the input power has to remain constant, the input
current would otherwise increase to a level that is too large for the input circuitry. For the
SSL2108X, there is a maximum limit on the on-time of the switch ton(high). The rate of
current rise in the coil during the on-phase is proportional to the difference between input
voltage and output voltage. Therefore, the peak current cannot be reached before ton(high)
and as a result the average output current to the LEDs is reduced.
Using the SO12 package, the ton(high) can be lowered by connecting a capacitor to the
TONMAX pin. The external capacitor is charged during the primary stroke with ITONMAX. If
VTONMAX level is reached before the ton(high) time, the switch is turned off and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com