Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21082T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL21082T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21082T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL21082T Datasheet HTML 5Page - NXP Semiconductors SSL21082T Datasheet HTML 6Page - NXP Semiconductors SSL21082T Datasheet HTML 7Page - NXP Semiconductors SSL21082T Datasheet HTML 8Page - NXP Semiconductors SSL21082T Datasheet HTML 9Page - NXP Semiconductors SSL21082T Datasheet HTML 10Page - NXP Semiconductors SSL21082T Datasheet HTML 11Page - NXP Semiconductors SSL21082T Datasheet HTML 12Page - NXP Semiconductors SSL21082T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
9 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
to prevent the additional high-power losses, which would result if a regulator were used for
continuously powering the IC. Unlike an auxiliary supply, additional inductor windings are
not needed.
8.7 VCC regulator
During supply dips, the input voltage can drop too low to supply the required IC current
through the DVDT pin. Under these conditions, if the VCC voltage drops lower than
VCC(swon)reg level, another regulator with a current capability of up to IHVhigh(oper) is started.
The job of the regulator is to fill in the required supply current, which the DVDT supply
does not deliver, thus preventing the IC going into UVLO. When the VCC voltage is higher
than VCC(swon)reg level, the regulator is turned off.
8.8 NTC functionality and PWM dimming
The NTC pin can be used as a control method for LED thermal protection. Alternatively,
the pin can be used as an input to disable/enable light output using a digital signal (PWM
dimming). The pin has an internal current source that generates the current of Ioffset(NTC).
An NTC resistor to monitor the LED temperature can be directly connected to the NTC
pin. Depending on the resistance value and the corresponding voltage on the NTC pin,
the converter reacts as shown in Figure 6.
When the voltage on the NTC pin is higher than Vth(high)NTC see Figure 6 (4), the converter
delivers nominal output current. When the voltage is lower than this level, the peak current
is gradually reduced until Vth(low)NTC is reached, see Figure 6 (3). The peak current is now
half the peak current of nominal operation. When Vact(tmr)NTC is passed, see Figure 6 (2) a
timer starts to run to distinguish between the following situations:
• If the low-level Vdeact(tmr)NTC is not reached within time tto(deact)NTC, Figure 6 (1) LED
overtemperature is detected. The IC stops switching and attempts to restart from the
HV pin voltage. Restart takes place when the voltage on NTC pin is higher than
Vth(high)NTC, see Figure 6 (4). It is assumed that the reduction in peak current did not
result in a lower NTC temperature and LED OTP is activated.
Fig 6.
NTC control curve
001aan700
2
3
4
5
Ip
Peak Current
Ip / 2
Vth(ocp)SOURCE = 500 mV
Vth(ocp)SOURCE = 250 mV
VNTC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com