Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21082T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL21082T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21082T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL21082T Datasheet HTML 9Page - NXP Semiconductors SSL21082T Datasheet HTML 10Page - NXP Semiconductors SSL21082T Datasheet HTML 11Page - NXP Semiconductors SSL21082T Datasheet HTML 12Page - NXP Semiconductors SSL21082T Datasheet HTML 13Page - NXP Semiconductors SSL21082T Datasheet HTML 14Page - NXP Semiconductors SSL21082T Datasheet HTML 15Page - NXP Semiconductors SSL21082T Datasheet HTML 16Page - NXP Semiconductors SSL21082T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
13 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
Capability
Isup(high)HV
high supply current on pin HV
Standby:
VHV = 40 V;
VCC < VCC(stop)
1
1.3
1.6
mA
Regulator On:
VHV = 40 V; VCC <
VCC(swon)reg after
start-up
2
2.3
2.6
mA
Current and SWP
Vth(ocp)SOURCE
overcurrent protection threshold
voltage on pin SOURCE
V/t = 0.1 V/s
480
500
520
mV
V/t = 0.1 V/s
VNTC = 0.325 V
230
250
270
mV
td(ocp-swoff)
delay time from overcurrent
protection to switch-off
V/t = 0.1 V/s
-
75
100
ns
tleb
leading edge blanking time
overcurrent
protection
260
300
340
ns
short-winding
protection
210
250
290
ns
t
leb
leading edge blanking time
difference
between tleb for
overcurrent
protection and
short-winding
protection
30
50
-
ns
Vth(swp)SOURCE
short-winding protection
threshold voltage on pin
SOURCE
1.4
1.5
1.6
V
Valley detection
(
V/t)
vrec
valley recognition voltage change
with time
on pin DRAIN
30
20
10
V/
s
fring
ringing frequency
200
550
1000
kHz
V
vrec(min)
minimum valley recognition
voltage difference
voltage drop on pin
DRAIN
15
20
25
V
td(vrec-swon)
valley recognition to switch-on
delay time
-
100
-
ns
Brownout detection
Vth(TONMAX)
threshold voltage on pin
TONMAX
3.75
4
4.25
V
Ioffset(TONMAX)
offset current on pin TONMAX
37
43
48
A
ton(high)
high on-time
12.5
15
17.5
s
MOSFET output stage
VBR(DRAIN)
breakdown voltage on pin DRAIN 600 V version;
Tj > 0 C
600
-
-
V
300 V version;
Tj > 0 C
300
-
-
V
Table 7.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com