Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21082T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL21082T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21082T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL21082T Datasheet HTML 8Page - NXP Semiconductors SSL21082T Datasheet HTML 9Page - NXP Semiconductors SSL21082T Datasheet HTML 10Page - NXP Semiconductors SSL21082T Datasheet HTML 11Page - NXP Semiconductors SSL21082T Datasheet HTML 12Page - NXP Semiconductors SSL21082T Datasheet HTML 13Page - NXP Semiconductors SSL21082T Datasheet HTML 14Page - NXP Semiconductors SSL21082T Datasheet HTML 15Page - NXP Semiconductors SSL21082T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
12 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
10. Thermal characteristics
11. Characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air; SO8
package, PCB:
2 cm
3 cm, 2-layer,
35
m Cu per layer
152
K/W
in free air; SO12
package, PCB: 2
cm
 3 cm, 2-layer, 35
m Cu per layer
121
K/W
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage
Ileak(DRAIN)
leakage current on pin DRAIN
VDRAIN = 600 V
-
-
10
A
VDRAIN = 300 V
-
-
10
A
Ileak(HV)
leakage current on pin HV
VHV = 600 V
-
-
30
A
VHV = 300 V
-
-
30
A
Supply
VCC(startup)
start-up supply voltage
11
12
13
V
VCC(stop)
stop supply voltage
8
9
10
V
VCC(hys)
hysteresis of supply voltage
between VCC(startup)
and VCC(stop)
2.0
-
-
V
VCC(rst)
reset supply voltage
4.5
5
5.5
V
VCC(swon)reg
regulator switch-on supply
voltage
insufficient dV/dt
supply
8.75
9.25
9.75
V
VCC(swoff)reg
regulator switch-off supply
voltage
insufficient dV/dt
supply
9.5
10
10.5
V
VCC(reg)hys
regulator supply voltage
hysteresis
VCC(swoff)reg  VCC(s
won)reg
0.3
-
-
V
VCC(regswon-stop) supply voltage difference
between regulator switch-on and
stop
VCC(swon)reg  VCC(st
op)
0.3
-
-
V
Consumption
Istb(HV)
standby current on pin HV
during start-up or in
protection;
VHV = 100 V
300
350
400
A
ICC
supply current
normal operation
-
1.3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com