Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21082T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL21082T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21082T Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL21082T Datasheet HTML 1Page - NXP Semiconductors SSL21082T Datasheet HTML 2Page - NXP Semiconductors SSL21082T Datasheet HTML 3Page - NXP Semiconductors SSL21082T Datasheet HTML 4Page - NXP Semiconductors SSL21082T Datasheet HTML 5Page - NXP Semiconductors SSL21082T Datasheet HTML 6Page - NXP Semiconductors SSL21082T Datasheet HTML 7Page - NXP Semiconductors SSL21082T Datasheet HTML 8Page - NXP Semiconductors SSL21082T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The SSL2108X is a range of high-voltage Integrated Circuits (ICs), intended to drive LED
lamps in general lighting applications.
The main benefits of the product family are:
• Small Printed-Circuit Board (PCB) footprint, and compact solution
• High efficiency (up to 95 %)
• Ease of integration
• Low electronic Bill Of Material (BOM)
The product family is made of ICs with a range of internal HV switches for easy power
scaling.
The ICs work as boundary conduction mode converters, typically in buck configuration.
The IC range has been designed to start up directly from the HV supply by an internal
high-voltage current source. Thereafter, the dV/dt supply is used with capacitive coupling
from the drain, or any other auxiliary supply. This functionality provides full flexibility in the
application design. The IC consumes 1.3 mA of supply current with an internal clamp
limiting the supply voltage.
The ICs provide accurate output current control with LED current accuracy within 5%. The
ICs can be operated using Pulse-Width Modulation (PWM) dimming and has many
protection features including easy LED temperature feedback.
2.
Features and benefits
LED driver IC family driving strings of LEDs from a rectified mains supply
High-efficiency switch mode buck driver product family:
Drivers with integrated 300 V (SSL21081 and SSL21082) or 600 V (SSL21083 and
SSL21084) power switches
Controller with power-efficient boundary conduction mode of operation with:
No reverse recovery losses in freewheel diode
Zero Current Switching (ZCS) for turn-on of switch
Zero voltage or valley switching for turn-on of switch
Minimal required inductance value and size
Direct PWM dimming possible
Fast transient response through cycle-by-cycle current control:
Negligible AC mains ripple at LED current and minimal total capacitor value
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
Rev. 2 — 6 December 2011
Preliminary data sheet


Similar Part No. - SSL21082T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2108 NXP-SSL2108 Datasheet
583Kb / 20P
GreenChip controller for LED lighting
Rev. 3-4 June 2012
SSL21081AT PHILIPS-SSL21081AT Datasheet
212Kb / 22P
Compact non-dimmable LED driver IC
Rev. 6-3 October 2013
SSL21081_JP PHILIPS-SSL21081_JP Datasheet
668Kb / 21P
?녈꺍?묆궚?덆씆沃욕뀎LED ?㎪삇?ⓦ깋?⒲궎?
Rev. 1-5 June 2013
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
More results

Similar Description - SSL21082T

ManufacturerPart #DatasheetDescription
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
specifically designed for LED lighting and decorative LED lighting applications
logo
NXP Semiconductors
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
SSL2109T NXP-SSL2109T Datasheet
589Kb / 19P
GreenChip controller for LED lighting
Rev. 2-26 April 2012
SSL2109 NXP-SSL2109 Datasheet
583Kb / 20P
GreenChip controller for LED lighting
Rev. 3-4 June 2012
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Tontek Design Technolog...
TTP117-AD8 TONTEK-TTP117-AD8 Datasheet
139Kb / 11P
TOUCH DIMMER FOR LED LIGHTING
TTP117-CO8 TONTEK-TTP117-CO8 Datasheet
139Kb / 11P
TOUCH DIMMER FOR LED LIGHTING
TTP117-DO8 TONTEK-TTP117-DO8 Datasheet
139Kb / 11P
TOUCH DIMMER FOR LED LIGHTING
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com