Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL21083T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL21083T Datasheet HTML 4Page - NXP Semiconductors SSL21083T Datasheet HTML 5Page - NXP Semiconductors SSL21083T Datasheet HTML 6Page - NXP Semiconductors SSL21083T Datasheet HTML 7Page - NXP Semiconductors SSL21083T Datasheet HTML 8Page - NXP Semiconductors SSL21083T Datasheet HTML 9Page - NXP Semiconductors SSL21083T Datasheet HTML 10Page - NXP Semiconductors SSL21083T Datasheet HTML 11Page - NXP Semiconductors SSL21083T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
8 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
secondary stroke starts. When no capacitor is connected to the pin, VTONMAX is reached
quickly, shorter than the minimum limit of one microsecond. In this case, or in case the
TONMAX pin is grounded, the internal time constant, ton(high) determines the maximum
on-time.
8.4.6 Short-Winding Protection (SWP)
SWP activates if there is a steep rising current through the MOSFET and thus through the
external resistor connected to the SOURCE pin. This current can occur when there is a
short from the freewheel diode. Additionally, it occurs due to a small/shorted inductor
between the input voltage and the DRAIN pin. If the voltage on the SOURCE pin is greater
than 1.5 V, latched protection is triggered following LEB time tleb. In addition, if Vcc drops
lower than VCC(rst) the IC resets the latched protection mode.
8.4.7 Output Short Protection (OSP)
During the second stroke (switch-of time), if a valley is not detected within the off-time limit
(toff(high)), then typically the output voltage is less than the minimum limit allowed in the
application. This condition can occur either during starting up or due to a short. A timer is
started when toff(high) is detected, and is stopped only if a valid valley-detection occurs in
one of the subsequent cycles. If no valley is detected for tdet(sc), it is concluded that a real
short-circuit exists and not start-up. The IC enters latched protection. If Vcc drops lower
than VCC(rst), the IC resets the latched protection mode. During PWM dimming, the OSP
timer is paused during the off-cycle of the PWM signal.
8.5 VCC supply
The SSL2108X can be supplied using three methods:
• Under normal operation, the voltage swing on the DVDT pin is rectified within the IC
providing current towards the VCC pin
• At start-up, there is an internal current source connected to the HV pin. The current
source provides internal power until either the dV/dt supply or an external current on
the VCC pin provides the supply
• An external voltage source can be connected to the VCC pin
The IC starts up when the voltage at the VCC pin is higher than VCC(startup). The IC locks
out (stops switching) when the voltage at the VCC pin is lower than VCC(stop). The
hysteresis between the start and stop levels allows the IC to be supplied by a buffer
capacitor until the dV/dt supply is settled. The SSL2108X has an internal Vcc clamp, which
is an internal active Zener (or shunt regulator). This internal active Zener limits the voltage
on the supply VCC pin to the maximum value of Vcc. If the maximum current of the dV/dt
supply minus the current consumption of the IC (determined by the load on the gate
drivers), is lower than the maximum value of IDD no external Zener diode is needed in the
dV/dt supply circuit.
8.6 DVDT supply
The DVDT pin is connected to an internal single-sided rectification stage. When an
alternating voltage with sufficient amplitude is supplied to the pin, the IC can be powered
without any other external power connection. This solution provides an effective method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com