Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL21083T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL21083T Datasheet HTML 1Page - NXP Semiconductors SSL21083T Datasheet HTML 2Page - NXP Semiconductors SSL21083T Datasheet HTML 3Page - NXP Semiconductors SSL21083T Datasheet HTML 4Page - NXP Semiconductors SSL21083T Datasheet HTML 5Page - NXP Semiconductors SSL21083T Datasheet HTML 6Page - NXP Semiconductors SSL21083T Datasheet HTML 7Page - NXP Semiconductors SSL21083T Datasheet HTML 8Page - NXP Semiconductors SSL21083T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
2 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
No over or undershoots in the LED current
No binning on LED forward voltage required
Internal Protections:
UnderVoltage LockOut (UVLO)
Leading-Edge Blanking (LEB)
OverCurrent Protection (OCP)
Short-Winding Protection (SWP)
Internal OverTemperature Protection (OTP)
Brownout protection
Output Short Protection (OSP)
Low component count (see Figure 4) LED driver solution:
No Schottky diode required due to ZCS
No dim switch and high-side driver required for PWM dimming
Easy external temperature protection with a single NTC resistor
Option for soft-start function
Compatible with wall switches with built-in indication light during standby1
IC lifetime easily matches or surpasses LED lamp lifetime
3.
Applications
SSL2108X products are intended for compact LED lighting applications with accurate
fixed current output for single mains input voltages. Mains input voltages include 100 V,
120 V and 230 V (AC). The output signal can be modulated using a PWM signal.
4.
Quick reference data
1.
The Hotaru switch is a well known wall switch with built-in light
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
8.0
-
15.5
V
RDSon
drain-source on-state
resistance
SSL21083T,
SSL21084T,
TJ = 25 C
4.0
5.0
6.0
SSL21083T,
SSL21084T,
TJ = 125 C
6.0
7.5
9.0
SSL21081T,
SSL21082T,
TJ = 25 C
2.05
2.3
2.55
SSL21081T,
SSL21082T,
TJ = 125 C
3.05
3.45
3.8
fconv
conversion frequency
25
-
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com