Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL21083T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL21083T Datasheet HTML 7Page - NXP Semiconductors SSL21083T Datasheet HTML 8Page - NXP Semiconductors SSL21083T Datasheet HTML 9Page - NXP Semiconductors SSL21083T Datasheet HTML 10Page - NXP Semiconductors SSL21083T Datasheet HTML 11Page - NXP Semiconductors SSL21083T Datasheet HTML 12Page - NXP Semiconductors SSL21083T Datasheet HTML 13Page - NXP Semiconductors SSL21083T Datasheet HTML 14Page - NXP Semiconductors SSL21083T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
11 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
9.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[2]
Charged device model: equivalent to charging the IC up to 1 kV and the subsequent discharging of each
pin down to 0 V over a 1
 resistor.
[3]
An internal clamp sets the supply voltage and current limits.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
General
SR
slew rate
on pin DRAIN
5
+5
V/ns
fconv
conversion frequency
25
200
kHz
Ptot
total power dissipation
SO8 package
-
0.6
W
SO12 package
-
1
W
Tamb
ambient temperature
40
+125
C
Tj
junction temperature
40
+150
C
Tstg
storage temperature
55
+150
C
Voltages
VCC
supply voltage
continuous [3]
0.4
+14
V
VDRAIN
voltage on pin DRAIN
600 V version
0.4
+600
V
300 V version
0.4
+300
V
VHV
voltage on pin HV
current limited
0.4
+600
V
VSENSE
voltage on pin SENSE
current limited
0.4
+5.2
V
VNTC
voltage on pin NTC
current limited
0.4
+5.2
V
VTONMAX
voltage on pin TONMAX
current limited
0.4
+5.2
V
Currents
IDD
supply current
at pin VCC [3]
-
20
mA
IDRAIN
current on pin DRAIN
600 V version
1
1
A
300 V version
2
2
A
ISOURCE
current on pin SOURCE
600 V version
1
1
A
300 V version
2
2
A
IDVDT
current on pin DVDT
-
1.3
A
VESD
electrostatic discharge
voltage
human body
model; (for all pins
except DRAIN and
HV)
[1]
2.0
+2.0
KV
human body
model for DRAIN
and HV
-1.0
+1.0
KV
charged device
[2]
500
+500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com