Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL21083T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL21083T Datasheet HTML 11Page - NXP Semiconductors SSL21083T Datasheet HTML 12Page - NXP Semiconductors SSL21083T Datasheet HTML 13Page - NXP Semiconductors SSL21083T Datasheet HTML 14Page - NXP Semiconductors SSL21083T Datasheet HTML 15Page - NXP Semiconductors SSL21083T Datasheet HTML 16Page - NXP Semiconductors SSL21083T Datasheet HTML 17Page - NXP Semiconductors SSL21083T Datasheet HTML 18Page - NXP Semiconductors SSL21083T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
15 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
12. SSL2108X buck configuration
Further application information can be found in the SSL2108X application note.
Fig 7.
Buck configuration for SSL21081/SSL21083
Fig 8.
Buck configuration for SSL21082/SSL21084
001aan696
10 Ω
RT1
NTC
C6
C5
D2
D1
C1
C2
C4
R1
L1
IC1
fused resistor
L1
N
RGND
to
mains
HV
8
1
DRAIN
SOURCE
RGND
7
2
GND
VCC
6
3
GND
NTC
5
4
DVDT
SSL21081
SSL21083
LED1...n
LED+
LED-
C3
D3
L2
001aan697
10 Ω
RT1
NTC
C6
C5
D3
D1
C1
C2
C4
C7
R1
L1
IC1
fused resistor
L1
N
RGND
to
mains
HV
12
1
DRAIN
SOURCE
RGND
10
3
GND
2
GND
11
GND
VCC
9
4
DVDT
NTC
8
5
TONMAX
GND
7
6
GND
SSL21082
SSL21084
LED1...n
LED+
LED-
C3
D2
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com