Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL97649AIRZ Datasheet HTML 1Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 2Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 3Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL97649A
3
FN7928.0
December 5, 2011
Pin Descriptions
PIN#
SYMBOL
DESCRIPTION
1
FB
AVDD boost converter feedback. Connect to the center of a voltage divider between AVDD and GND to set the AVDD voltage.
2PGND
Power ground
3
CE
Gate Pulse Modulator Delay Control. Connect a capacitor between this pin and GND to set the delay time.
4
RE
Gate Pulse Modulator Slew Control. Connect a resistor between this pin and GND to set the falling slew rate.
5
VGH
Gate Pulse Modulator High Voltage Input. Place a 0.1µF decoupling capacitor close to the VGH pin.
6
VGHM
Gate Pulse Modulator Output for gate driver IC
7
VFLK
Gate Pulse Modulator Control input from TCON
8
VDPM
Gate Pulse Modulator Enable. Connect a capacitor from VDPM to GND to set the delay time before GPM is enabled. A current
source charges the capacitor on VDPM.
9
GPM_LO
Gate Pulse Modulator Low Voltage Input; place a 0.47µF decoupling capacitor close to the GPM_LO pin.
10
AVDD
DCP and VCOM amplifier high voltage analog supply; place a 0.47µF decoupling capacitor close to the AVDD pin.
11
SCL
I2C comparable clock input
12
SDA
I2C compatible serial bidirectional data line
13
POS
VCOM Positive Amplifier Non-inverting input
14
RSET
DCP sink current adjustment pin; connect a resistor between this pin and GND to set the resolution of the DCP output voltage.
15
VOUT
VCOM Amplifier output
16
NEG
VCOM Negative Amplifier Non-inverting input
17
VDIV
Voltage detector threshold. Connect to the center of a resistive divider between VIN and GND.
18
ADJ
VLOGIC LDO feedback. Connect to the center of a resistive divider between L_OUT and GND to set VLogic voltage for TCON.
19
RESET
Voltage detector reset output
20
L_OUT
LDO output. Connect at least one 1µF capacitor to GND for stable operation.
21
CD2
Voltage detector rising edge delay. Connect a capacitor between this pin and GND to set the rising edge delay.
22
L_IN
LDO input. Connect a 1µF decoupling capacitor close to this pin.
23
SS
Boost Converter Soft-Start. Connect a capacitor between this pin and GND to set the soft-start time.
24
COMP
Boost converter compensation pin. Connect a series resistor and capacitor between this pin and GND to optimize transient
response and stability.
25
FREQ
Boost Converter frequency select; pull it to logic high to operate boost at 1.2MHz. Connect this pin to GND to operate boost at
600kHz.
26
VIN
IC input supply. Connect a 0.1µF decoupling capacitor close to this pin.
27
LX
AVDD boost converter switching node
28
EN
AVDD enable pin
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
VIN RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL97649AIRZ (Note 1)
97649 AIRZ
2.5 to 5.5
-40 to +85
28 Ld 4x5 QFN
L28.4x5A
ISL97649AIRTZ-EVALZ
ISL97649A Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL97649A For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com