Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL97649AIRZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 13Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 14Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 15Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 16Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 17Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 18Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 19Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ISL97649A
16
FN7928.0
December 5, 2011
Read Operation
A read operation consists of a three-byte instruction followed by
one or more Data Bytes (see Figure 18). The master initiates the
operation issuing the following sequence: a START, the
Identification byte with the R/W bit set to "0", an Address Byte, a
second START, and a second Identification byte with the R/W bit
set to "1". After each of the three bytes, the ISL97649A responds
with an ACK; then the ISL97649A transmits the Data Byte. The
master then terminates the read operation (issuing a STOP
condition) following the last bit of the Data Byte (see Figure 16).
The byte at address 02h determines if the Data Bytes being read
are from volatile or non-volatile memory.
Communication with ISL97649A
There are three register addresses in the ISL97649A, of which
two can be used. Address 00h and address 02h are used to
control the device. Address 01h is reserved and should not be
used. Address 00h contains the non-volatile Initial Value Register
(IVR), and the volatile Wiper Register (WR). Address 02h contains
only a volatile word and is used as a pointer to either the IVR or
WR.
Register Description: Access Control
The Access Control Register (ACR) is volatile and is at address
02h. It is 8 bits, and only the MSB is significant; all other bits
should be zero (0). The ACR controls which word is accessed at
register 00h as follows:
• 00h = Nonvolatile IVR
• 80h = Volatile WR
All other bits of the ACR should be written 0 or 1. Power-up
default for this address is 00h.
Register Description: IVP and WR
The output of the DCP is controlled directly by the WR. Writes and
reads can be made directly to this register to control and monitor
without any non-volatile memory changes. This is done by setting
address 02h to data 80h, then writing the data.
The non-volatile IVR stores the power-up value of the DCP output.
On power -up, the contents of the IVR are transferred to the WR.
To write to the IVR, first address 02h is set to data 00h and then
the data is written. Writing a new value to the IVR register will set
a new power- up position for the wiper. Also, writing to this
register will load the same value into the WR as the IVR.
Therefore, if a new value is loaded into the IVR, not only will the
non-volatile IVR change, but the WR will also contain the same
value after the write, and the wiper position will change. Reading
from the IVR will not change the WR, if its contents are different.
Writing a new value to the IVR
Write to ACR first
01010000
A00000010
A00000000
A
Then, write to IVR
01010000
A00000000
A
D0
D7
D6
D5
D4
D3
D2
D1
A
Note that the WR will also reflect this new value since both registers get writen at the same time
D0:LSB, D7:MSB
Writing a new value to WR only
Write to ACR first
01010000
A00000010
A10000000
A
Then, write to WR
01010000
A00000000
A
D0
D7
D6
D5
D4
D3
D2
D1
A
Note that the IVR value will NOT change
D0:LSB, D7:MSB
Reading from IVR
Write to the ACR first
01010000
A00000010
A00000000
A
Then set the IVR address
01010000
A00000000
A
Read from the IVR
01010001
A
D0
D7
D6
D5
D4
D3
D2
D1
Example 2
Reading from the WR
Write to the ACR first
01010000
A00000010
A10000000
A
Then set the WR address
01010000
A00000000
A
Read from the WR
01010001
A
D0
D7
D6
D5
D4
D3
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com