Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97649AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 9Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 11Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL97649A
9
FN7928.0
December 5, 2011
Typical Performance Curves
FIGURE 1. AVDD EFFICIENCY vs IAVDD
FIGURE 2. IAVDD LOAD REGULATION vs IAVDD
FIGURE 3. IAVDD LINE REGULATION vs VIN
FIGURE 4. BOOST CONVERTER TRANSIENT RESPONSE
FIGURE 5. GPM CIRCUIT WAVEFORM
FIGURE 6. GPM CIRCUIT WAVEFORM
76
78
80
82
84
86
88
90
92
0.0
50
100
150
200
250
300
350
IAVDD (mA)
VIN = 3.3V, VOUT = 8.06V
fOSC = 600kHz
fOSC = 1.2MHz
-0.04
-0.03
-0.02
-0.01
0.00
50
100
150
200
250
IAVDD (mA)
fOSC = 600kHz
fOSC = 1.2MHz
VIN = 3.3V, VOUT = 8.06V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
IAVDD = 150mA
L = 10µH, COUT = 40µF, CCOMP = 15nF, RCOMP = 5.5k
CE = 1pF, RE = 100k
VGHM
CE = 100pF, RE = 100k
VGHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com