Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL97649AIRZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 11Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 13Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 14Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 15Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 16Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 17Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISL97649A
14
FN7928.0
December 5, 2011
• A write operation to address 0 writes the identical values to the
WR and IVR of the DCP.
• When the ACR is 80h:
- A read operation to address 0 outputs the value of the
volatile WR.
- A write operation to address 0 only writes to the
volatile WR.
It is not possible to write to an IVR without writing the same value
to its WR.
00h and 80h are the only values that should be written to
address 2. All other values are reserved and must not be written
to address 2.
I2C Serial Interface
The ISL97649A supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data on to the bus as
a transmitter and the receiving device as the receiver. The device
controlling the transfer is a master and the device being
controlled is the slave. The master always initiates data transfers
and provides the clock for both transmit and receive operations.
Therefore, the DCP of the ISL97649A operates as a slave device
in all applications. The fall and rise time of SDA and SCL signal
should be in the range listed in Table 8. Capacitive load on I2C
bus is also specified in Table 8.
All communication over the I2C interface is conducted by sending
the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (see Figure 15). On
power-up of the ISL97649A, the SDA pin is in the input mode.
All I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH. The
DCP continuously monitors the SDA and SCL lines for the START
condition and does not respond to any command until this
condition is met (see Figure 15). A START condition is ignored
during the power-up sequence and during internal non-volatile
write cycles.
All I2C interface must be terminated by a STOP condition, which
is a LOW to HIGH transition of SDA while SCL is high (see
Figure 15). A STOP condition at the end of a read operation, or at
the end of a write operation to volatile bytes only places the
device in its standby mode. A STOP condition during a write
operation to a non-volatile write byte, initiates an internal
non-volatile write cycle. The device enters its standby state when
the internal non-volatile write cycle is completed.
An ACK (Acknowledge) is a software convention used to indicate a
successful data transfer. The transmitting device, either master or
slave, releases the SDA bus after transmitting eight bits. During the
ninth clock cycle, the receiver pulls the SDA line LOW to
acknowledge the reception of the eight bits of data (see Figure 16).
The ISL97649A DCP responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and once
again after successful receipt of an Address Byte. The ISL97649A
also respond with an ACK after receiving a Data Byte of a write
operation. The master must respond with an ACK after receiving
a Data Byte of a read operation.
A valid Identification Byte contains 0101000 as the seven MSBs.
The LSB is in the Read/Write bit. Its value is "1" for a Read
operation, and "0" for a Write operation (see Table 7).
Write Operation
A write operation requires a START condition, followed by a valid
Identification Byte, a valid Address Byte, a Data Byte, and a STOP
condition (see Figure 17). After each of the three bytes, the
ISL97649A responds with an ACK. At this time, if the Data Byte is
to be written only to volatile registers, the device enters its
standby state. If the Data Byte is to be written also to non-volatile
memory, the ISL97649A begins its internal write cycle to
non-volatile memory. During the internal non-volatile write cycle,
the device ignores transitions at the SDA and SCL pins and the
SDA output is at high impedance state. When the internal
non-volatile write cycle is completed, the ISL97649A enters its
standby state. The byte at address 02h determines if the Data
Byte is to be written to volatile and/or non-volatile memory.
Data Protection
A STOP condition also acts as a protection of non-volatile
memory. A valid Identification Byte, Address Byte, and total
number of SCL pulses act as a protection of both volatile and
non-volatile registers. During a Write sequence, the Data Byte is
loaded into an internal shift register as it is received. If the
Address Byte is 0 or 2, the Data Byte is transferred to the Wiper
Register (WR) or to the Access Control Register respectively, at
the falling edge of the SCL pulse that loads the last bit (LSB) of
the Data Byte. If the Address Byte is 0, and the Access Control
Register is all zeros (default), then the STOP condition initiates
the internal write cycle to non-volatile memory.
TABLE 6. MEMORY MAP
ADDRESS
NON-VOLATILE
VOLATILE
2-
ACR
1
Reserved
0IVR
WR
WR: Wiper Register, IVR: Initial value Register.
TABLE 7. IDENTIFICATION BYTE FORMAT
0
1
0
1000
R/W
(MSB)
(LSB)
TABLE 8. I2C INTERFACE SPECIFICATION
PARAMETER
MIN
TYP
MAX
UNITS
SDA and SCL Rise Time
1000
ns
SDA and SCL Fall Time
300
ns
I2C Bus Capacitive Load
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com