Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS33DE Datasheet(PDF) 22 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 18Page - STMicroelectronics LIS33DE Datasheet HTML 19Page - STMicroelectronics LIS33DE Datasheet HTML 20Page - STMicroelectronics LIS33DE Datasheet HTML 21Page - STMicroelectronics LIS33DE Datasheet HTML 22Page - STMicroelectronics LIS33DE Datasheet HTML 23Page - STMicroelectronics LIS33DE Datasheet HTML 24Page - STMicroelectronics LIS33DE Datasheet HTML 25Page - STMicroelectronics LIS33DE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Register mapping
LIS33DE
22/31
Doc ID 15596 Rev 1
6
Register mapping
The table given below provides a listing of the 8 bit registers embedded in the device and
the related address:
Registers marked as
Reserved must not be changed. The writing to those registers may
cause permanent damages to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered-up.
Table 15.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
00-1F
Reserved
Ctrl_Reg1
rw
20
010 0000 00000111
Ctrl_Reg2
rw
21
010 0001 00000000
Ctrl_Reg3
rw
22
010 0010 00000000
Reserved (do not modify)
23-26
Reserved
Status_Reg
r
27
010 0111 00000000
--
r
28
010 1000
Not used
OutX
r
29
010 1001
output
--
r
2A
010 1010
Not used
OutY
r
2B
010 1011
output
--
r
2C
010 1100
Not used
OutZ
r
2D
010 1101
output
Reserved (do not modify)
2E-2F
Reserved
FF_WU_CFG
rw
30
011 0000 00000000
FF_WU_SRC(ack)
r
31
011 0001 00000000
FF_WU_THS
rw
32
011 0010 00000010
FF_WU_DURATION
rw
33
011 0011 00000000
Reserved (do not modify)
34-3F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com