Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS33DE Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 23Page - STMicroelectronics LIS33DE Datasheet HTML 24Page - STMicroelectronics LIS33DE Datasheet HTML 25Page - STMicroelectronics LIS33DE Datasheet HTML 26Page - STMicroelectronics LIS33DE Datasheet HTML 27Page - STMicroelectronics LIS33DE Datasheet HTML 28Page - STMicroelectronics LIS33DE Datasheet HTML 29Page - STMicroelectronics LIS33DE Datasheet HTML 30Page - STMicroelectronics LIS33DE Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Register description
LIS33DE
28/31
Doc ID 15596 Rev 1
7.10
FF_WU_THS (32h)
Most significant bit (DCRM) is used to select the resetting mode of the duration counter. If
DCRM=0 counter is reset when the interrupt is no more active else if DCRM=1 duration
counter is decremented.
7.11
FF_WU_DURATION (33h)
Duration register for free-fall/wake-up interrupt. Duration step and maximum value depend
on the ODR chosen. Step 2.5 msec, from 0 to 637.5 msec if ODR=400 Hz, else step 10
msec, from 0 to 2.55 sec when ODR=100 Hz. The counter used to implement duration
function is blocked when LIR=1 in configuration register and the interrupt event is verified.
Table 32.
FF_WU_THS (32h) register
DCRM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 33.
FF_WU_THS (32h) register description
DCRM
Resetting mode selection. Default value: 0
(0: counter reset; 1: counter decremented)
THS6, THS0
Free-fall / wake-up Threshold: default value: 000 0010
Table 34.
FF_WU_DURATION (33h) register
D7
D6
D5
D4
D3
D2
D1
D0
Table 35.
FF_WU_DURATION (33h) register description
D7-D0
Duration value. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com