Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS33DE Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 23Page - STMicroelectronics LIS33DE Datasheet HTML 24Page - STMicroelectronics LIS33DE Datasheet HTML 25Page - STMicroelectronics LIS33DE Datasheet HTML 26Page - STMicroelectronics LIS33DE Datasheet HTML 27Page - STMicroelectronics LIS33DE Datasheet HTML 28Page - STMicroelectronics LIS33DE Datasheet HTML 29Page - STMicroelectronics LIS33DE Datasheet HTML 30Page - STMicroelectronics LIS33DE Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
LIS33DE
Package information
Doc ID 15596 Rev 1
29/31
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 12.
LGA 16: mechanical data and package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1.000
0.0394
A2
0.7850.0309
A3
0.200
0.0079
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
2.850
3.000
3.150 0.1122 0.1181 0.1240
L1
1.000
1.060
0.0394 0.0417
L2
2.000
2.060
0.07870.0811
N1
0.500
0.0197
N2
1.000
0.0394
M
0.040
0.100
0.160 0.0016 0.0039 0.0063
P1
0.875
0.0344
P2
1.275
0.0502
T1
0.2900.350
0.410 0.0114 0.0138 0.0161
T2
0.190
0.250
0.310 0.0075 0.0098 0.0122
d
0.150
0.0059
k
0.050
0.0020
LGA16 (3x3x1.0mm)
Land Grid Array Package
Outline and
7983231
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com