Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS35DETR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS35DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DETR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS35DETR Datasheet HTML 21Page - STMicroelectronics LIS35DETR Datasheet HTML 22Page - STMicroelectronics LIS35DETR Datasheet HTML 23Page - STMicroelectronics LIS35DETR Datasheet HTML 24Page - STMicroelectronics LIS35DETR Datasheet HTML 25Page - STMicroelectronics LIS35DETR Datasheet HTML 26Page - STMicroelectronics LIS35DETR Datasheet HTML 27Page - STMicroelectronics LIS35DETR Datasheet HTML 28Page - STMicroelectronics LIS35DETR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
LIS35DE
Register description
Doc ID 15594 Rev 1
25/39
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The registers address, made of 7 bits, is used to identify them and to
write the data through serial interface.
7.1
CTRL_REG1 (20h)
DR bit allows to select the data rate at which acceleration samples are produced.
The default value is 0 which corresponds to a data-rate of 100Hz. By changing the content
of DR to “1” the selected data-rate will be set equal to 400Hz.
PD bit allows to turn on the turn the device out of power-down mode. The device is in power-
down mode when PD = “0” (default value after boot). The device is in normal mode when PD
is set to 1.
Zen bit enables the generation of Data Ready signal for Z-axis measurement channel when
set to 1. The default value is 1.
Yen bit enables the generation of Data Ready signal for Y-axis measurement channel when
set to 1. The default value is 1.
Xen bit enables the generation of Data Ready signal for X-axis measurement channel when
set to 1. The default value is 1.
Table 17.
CTRL_REG1 (20h) register
DR
PD
FS
0(1)
0(1)
1.
CTRL_REG1[4:3] value is loaded at boot, ‘0’ value must not be changed.
Zen
Yen
Xen
Table 18.
CTRL_REG1 (20h) register description
DR
Data rate selection. Default value: 0
(0: 100 Hz output data rate; 1: 400 Hz output data rate)
PD
Power Down Control. Default value: 0
(0: power down mode; 1: active mode)
FS
Full Scale selection. Default value: 0
(refer to
Table 2 for typical full scale value)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com