Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS35DETR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS35DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DETR Datasheet(HTML) 1 Page - STMicroelectronics

  LIS35DETR Datasheet HTML 1Page - STMicroelectronics LIS35DETR Datasheet HTML 2Page - STMicroelectronics LIS35DETR Datasheet HTML 3Page - STMicroelectronics LIS35DETR Datasheet HTML 4Page - STMicroelectronics LIS35DETR Datasheet HTML 5Page - STMicroelectronics LIS35DETR Datasheet HTML 6Page - STMicroelectronics LIS35DETR Datasheet HTML 7Page - STMicroelectronics LIS35DETR Datasheet HTML 8Page - STMicroelectronics LIS35DETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
April 2009
Doc ID 15594 Rev 1
1/39
39
LIS35DE
MEMS motion sensor
3-axis - ±2g/±8g smart digital output “piccolo” accelerometer
Feature
■ 2.16 V to 3.6 V supply voltage
■ 1.8V compatible IOs
■ < 1 mW power consumption
■ ±2g/±8g dynamically selectable full-scale
■ I2C/SPI digital output interface
■ Programmable multiple interrupt generator
■ Click and double click recognition
■ Embedded high pass filter
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 8)
Applications
■ Free-fall detection
■ Motion activated functions
■ Gaming and virtual reality input devices
■ Vibration monitoring and compensation
Description
The LIS35DE is an ultra compact low-power three
axis linear accelerometer. It includes a sensing
element and an IC interface able to provide the
measured acceleration to the external world
through I2C/SPI serial interface.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
which is trimmed to better match the sensing
element characteristics.
The LIS35DE has dynamically user selectable full
scales of ±2g/±8g and it is capable of measuring
accelerations with an output data rate of 100 Hz
or 400 Hz.
The device may be configured to generate inertial
wake-up/free-fall interrupt signals when a
programmable acceleration threshold is crossed
at least in one of the three axes. Thresholds and
timing of interrupt generators are programmable
by the end user on the fly.
The LIS35DE is available in plastic Thin Land
Grid Array package (TGA) and it is designed to
operate over an extended temperature range from
-40°C to +85°C.
LGA14 (3x5x0.9mm)
Table 1.
Device summary
Order code
Temp range,
° CPackage
Packing
LIS35DE
-40 to +85
LGA14
Tray
LIS35DETR
-40 to +85
LGA14
Tape and reel
www.st.com


Similar Part No. - LIS35DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352ARTR STMICROELECTRONICS-LIS352ARTR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
More results

Similar Description - LIS35DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
17-Apr-2009
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com