Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS35DETR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS35DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DETR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS35DETR Datasheet HTML 31Page - STMicroelectronics LIS35DETR Datasheet HTML 32Page - STMicroelectronics LIS35DETR Datasheet HTML 33Page - STMicroelectronics LIS35DETR Datasheet HTML 34Page - STMicroelectronics LIS35DETR Datasheet HTML 35Page - STMicroelectronics LIS35DETR Datasheet HTML 36Page - STMicroelectronics LIS35DETR Datasheet HTML 37Page - STMicroelectronics LIS35DETR Datasheet HTML 38Page - STMicroelectronics LIS35DETR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
LIS35DE
Register description
Doc ID 15594 Rev 1
35/39
7.18
CLICK_SRC (39h)
7.19
CLICK_THSY_X (3Bh)
From 0.5g (0001) to 7.5g (1111) with step of 0.5g.
7.20
CLICK_THSZ (3Ch)
Table 49.
CLICK_SRC (39h) register
X
IA
Double_Z
Single_Z
Double_Y
Single_Y
Double_X
Single_X
Table 50.
CLICK_SRC (39h) register description
IA
Interrupt Active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
Double_Z
Double click on Z axis event. Default value: 0
(0: no interrupt; 1: Double Z event has occurred)
Single_Z
Single click on Z axis event. Default value: 0
(0: no interrupt; 1: Single Z event has occurred)
Double_Y
Double click on Y axis event. Default value: 0
(0: no interrupt; 1: Double Y event has occurred)
Single_Y
Single click on Y axis event.Default value: 0
(0: no interrupt; 1: Single Y event has occurred)
Double_X
Double click on X axis event. Default value: 0
(0: no interrupt; 1: Double X event has occurred)
Single_X
Single click on X axis event. Default value: 0
(0: no interrupt; 1: Single X event has occurred)
Table 51.
CLICK_THSY_X (3Bh) register
THSy3
THSy2
THSy1
THSy0
THSx3
THSx2
THSx1
THSx0
Table 52.
CLICK_THSY_X (3Bh) register description
THSy3 - THSy0
Click Threshold on Y axis. Default value: 0000
THSx3 - THSx0
Click Threshold on X axis. Default value: 0000
Table 53.
CLICK_THSZ (3Ch) register
XXXX
THSz3
THSz2
THSz1
THSz0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com