Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331HH Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS331HH
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS331HH Datasheet HTML 5Page - STMicroelectronics LIS331HH Datasheet HTML 6Page - STMicroelectronics LIS331HH Datasheet HTML 7Page - STMicroelectronics LIS331HH Datasheet HTML 8Page - STMicroelectronics LIS331HH Datasheet HTML 9Page - STMicroelectronics LIS331HH Datasheet HTML 10Page - STMicroelectronics LIS331HH Datasheet HTML 11Page - STMicroelectronics LIS331HH Datasheet HTML 12Page - STMicroelectronics LIS331HH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LIS331HH
Mechanical and electrical specifications
Doc ID 16366 Rev 1
9/37
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3.
Mechanical characteristics @ Vdd = 2.5 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range(3)
FS bit set to 00
±6
g
FS bit set to 01
±12
FS bit set to 11
±24
So
Sensitivity
FS bit set to 00
12 bit representation
3
m
g/digit
FS bit set to 01
12 bit representation
6
FS bit set to 11
12 bit representation
12
TCSo
Sensitivity change vs
temperature
FS bit set to 00
±0.01
%/°C
TyOff
Typical zero-
g level offset
accuracy(4),(5)
FS bit set to 00
±70
m
g
TCOff
Zero-
g level change vs
temperature
Max delta from 25 °C
±0.4
m
g/°C
An
Acceleration noise density
FS bit set to 00
650
µ
g/
Vst
Self-test
output change(6),(7),(8)
FS bit set to 00
X axis
50
110
180
LSb
FS bit set to 00
Y axis
-50
-100
-180
LSb
FS bit set to 00
Z axis
220
290
370
LSb
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
20
mgram
1.
The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V.
2.
Typical specifications are not guaranteed
3.
Verified by wafer level test and measurement of initial offset and sensitivity
4.
Typical zero-
g level offset value after MSL3 preconditioning
5.
Offset can be eliminated by enabling the built-in high pass filter
6.
The sign of “Self-test output change” is defined by CTRL_REG4 STsign bit (
Table 27), for all axes.
7.
Self-test output changes with the power supply. “Self-test output change” is defined as
OUTPUT[LSb](CTRL_REG4 ST bit=1) - OUTPUT[LSb](CTRL_REG4 ST bit=0). 1LSb=12g/4096 at 12bit representation, ±6 g Full-
scale
8.
Output data reach 99% of final value after 1/ODR+1ms when enabling self-test mode, due to device filtering
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com