Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331HH Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS331HH
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS331HH Datasheet HTML 24Page - STMicroelectronics LIS331HH Datasheet HTML 25Page - STMicroelectronics LIS331HH Datasheet HTML 26Page - STMicroelectronics LIS331HH Datasheet HTML 27Page - STMicroelectronics LIS331HH Datasheet HTML 28Page - STMicroelectronics LIS331HH Datasheet HTML 29Page - STMicroelectronics LIS331HH Datasheet HTML 30Page - STMicroelectronics LIS331HH Datasheet HTML 31Page - STMicroelectronics LIS331HH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Register description
LIS331HH
28/37
Doc ID 16366 Rev 1
BDU bit is used to inhibit output registers update between the reading of upper and lower
register parts. In default mode (BDU = ‘0’) the lower and upper register parts are updated
continuously. If it is not sure to read faster than output data rate, it is recommended to set
BDU bit to ‘1’. In this way, after the reading of the lower (upper) register part, the content of
that output registers is not updated until the upper (lower) part is read too.
This feature avoids reading LSB and MSB related to different samples.
7.5
CTRL_REG5 (24h)
TurnOn bits are used for turning on the sleep to wake function.
Setting TurnOn[1:0] bits to 11 the “sleep to wake” function is enabled. When an interrupt
event occurs the device is turned to normal mode increasing the ODR to the value defined in
CTRL_REG1. Although the device is in normal mode, CTRL_REG1 content is not
automatically changed to “normal mode” configuration.
7.6
HP_FILTER_RESET (25h)
Dummy register. Reading at this address zeroes instantaneously the content of the internal
high pass-filter. If the high pass filter is enabled all three axes are instantaneously set to 0
g.
This allows to overcome the settling time of the high pass filter.
7.7
REFERENCE (26h)
Table 29.
CTRL_REG5 register
0
000
00
TurnOn1
TurnOn0
Table 30.
CTRL_REG5 description
TurnOn1,
TurnOn0
Turn-on mode selection for sleep to wake function. Default value: 00.
Table 31.
Sleep to wake configuration
TurnOn1
TurnOn0
Sleep to wake status
0
0
Sleep to wake function is disabled
11
Turned on: The device is in low power mode (ODR is defined in
CTRL_REG1)
Table 32.
REFERENCE register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com