Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331HH Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS331HH
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HH Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS331HH Datasheet HTML 20Page - STMicroelectronics LIS331HH Datasheet HTML 21Page - STMicroelectronics LIS331HH Datasheet HTML 22Page - STMicroelectronics LIS331HH Datasheet HTML 23Page - STMicroelectronics LIS331HH Datasheet HTML 24Page - STMicroelectronics LIS331HH Datasheet HTML 25Page - STMicroelectronics LIS331HH Datasheet HTML 26Page - STMicroelectronics LIS331HH Datasheet HTML 27Page - STMicroelectronics LIS331HH Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Register description
LIS331HH
24/37
Doc ID 16366 Rev 1
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The registers address, made of 7 bits, is used to identify them and to
write the data through serial interface.
7.1
CTRL_REG1 (20h)
PM bits allow to select between power-down and two operating active modes. The device is
in power-down mode when PD bits are set to “000” (default value after boot).
Table 18
shows all the possible power mode configurations and respective output data rates. Output
data in the low-power modes are computed with low-pass filter cut-off frequency defined by
DR1, DR0 bits.
DR bits, in the normal-mode operation, select the data rate at which acceleration samples
are produced. In low-power mode they define the output data resolution.
Table 19 shows all
the possible configuration for DR1 and DR0 bits.
Table 16.
CTRL_REG1 register
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
Table 17.
CTRL_REG1 description
PM2 - PM0
Power mode selection. Default value: 000
(000: Power-down; Others: refer to
Table 18)
DR1, DR0
Data rate selection. Default value: 00
(00:50 Hz; Others: refer to
Table 19)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)
Table 18.
Power mode and low-power output data rate configurations
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
0
0
0
Power-down
--
0
0
1
Normal mode
ODR
0
1
0
Low-power
0.5
0
1
1
Low-power
1
1
0
0
Low-power
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com