Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331HH Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS331HH
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS331HH Datasheet HTML 22Page - STMicroelectronics LIS331HH Datasheet HTML 23Page - STMicroelectronics LIS331HH Datasheet HTML 24Page - STMicroelectronics LIS331HH Datasheet HTML 25Page - STMicroelectronics LIS331HH Datasheet HTML 26Page - STMicroelectronics LIS331HH Datasheet HTML 27Page - STMicroelectronics LIS331HH Datasheet HTML 28Page - STMicroelectronics LIS331HH Datasheet HTML 29Page - STMicroelectronics LIS331HH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Register description
LIS331HH
26/37
Doc ID 16366 Rev 1
inside corresponding internal registers and it is used to calibrate the device. These values
are factory trimmed and they are different for every accelerometer. They permit a good
behavior of the device and normally they have not to be changed. At the end of the boot
process the BOOT bit is set again to ‘0’.
HPCF[1:0]. These bits are used to configure high-pass filter cut-off frequency ft which is
given by:
The equation can be simplified to the following approximated equation:
7.3
CTRL_REG3 [Interrupt CTRL register] (22h)
Table 22.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode (reset reading HP_RESET_FILTER)
Table 23.
High-pass filter cut-off frequency configuration
HPcoeff2,1
ft [Hz]
Data rate = 50 Hz
ft [Hz]
Data rate = 100 Hz
ft [Hz]
Data rate = 400 Hz
ft [Hz]
Data rate = 1000 Hz
00
1
2
8
20
01
0.5
1
4
10
10
0.25
0.5
2
5
11
0.125
0.25
1
2.5
f
t
1
1
HPc
------------
–
⎝⎠
⎛⎞
f
s
2
π
------
⋅
ln
=
f
t
f
s
6HPc
⋅
----------------------
=
Table 24.
CTRL_REG3 register
IHL
PP_OD
LIR2
I2_CFG1
I2_CFG0
LIR1
I1_CFG1
I1_CFG0
Table 25.
CTRL_REG3 description
IHL
Interrupt active high, low. Default value: 0
(0: active high; 1:active low)
PP_OD
Push-pull/Open drain selection on interrupt pad. Default value 0.
(0: push-pull; 1: open drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com