Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331HHTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS331HHTR
Description  MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331HHTR Datasheet(HTML) 1 Page - STMicroelectronics

  LIS331HHTR Datasheet HTML 1Page - STMicroelectronics LIS331HHTR Datasheet HTML 2Page - STMicroelectronics LIS331HHTR Datasheet HTML 3Page - STMicroelectronics LIS331HHTR Datasheet HTML 4Page - STMicroelectronics LIS331HHTR Datasheet HTML 5Page - STMicroelectronics LIS331HHTR Datasheet HTML 6Page - STMicroelectronics LIS331HHTR Datasheet HTML 7Page - STMicroelectronics LIS331HHTR Datasheet HTML 8Page - STMicroelectronics LIS331HHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2009
Doc ID 16366 Rev 1
1/37
37
LIS331HH
MEMS digital output motion sensor
ultra low-power high full-scale 3-axes “nano” accelerometer
Features
■ Wide supply voltage, 2.16 V to 3.6 V
■ Low voltage compatible IOs, 1.8 V
■ Ultra low-current mode consumption
down to 10 µA
■
±6g/±12g/±24g dynamically selectable full-
scale
■ I2C/SPI digital output interface
■ 16 bit data output
■ 2 independent programmable interrupt engines
■ Sleep to wake-up function
■ 6D orientation detection
■ Embedded self-test
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant (see
Section 8)
Applications
■ Pedometer
■ Gaming and virtual reality input devices
■ Motion activated functions
■ Impact recognition and logging
■ Intelligent power saving for handheld devices
■ Vibration monitoring and compensation
Description
The LIS331HH is an ultra low-power high
performance high full-scale three axes linear
accelerometer belonging to the “nano” family, with
digital I2C/SPI serial interface standard output.
The device features ultra low-power operational
modes that allow advanced power saving and
smart sleep to wake-up functions.
The LIS331HH has dynamically user selectable
full scales of ±6
g/±12g/±24g and it is capable of
measuring accelerations with output data rates
from 0.5 Hz to 1 kHz. The self-test capability
allows the user to check the functioning of the
sensor in the final application.
The device contains 2 indipendent interrupt
engines able to recognize dedicated inertial
events.
Thresholds and timing of interrupt generators are
programmable by the end user on the fly.
The LIS331HH is available in small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
LGA16 (3x3x1 mm)
Table 1.
Device summary
Order codes
Temperature range [
° C]
Package
Packaging
LIS331HH
-40 to +85
LGA16
Tray
LIS331HHTR
-40 to +85
LGA16
Tape and reel
www.st.com


Similar Part No. - LIS331HHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331ALTR STMICROELECTRONICS-LIS331ALTR Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
More results

Similar Description - LIS331HHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
17-Apr-2009
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com