Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4931 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD4931
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4931 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD4931 Datasheet HTML 3Page - STMicroelectronics SD4931 Datasheet HTML 4Page - STMicroelectronics SD4931 Datasheet HTML 5Page - STMicroelectronics SD4931 Datasheet HTML 6Page - STMicroelectronics SD4931 Datasheet HTML 7Page - STMicroelectronics SD4931 Datasheet HTML 8Page - STMicroelectronics SD4931 Datasheet HTML 9Page - STMicroelectronics SD4931 Datasheet HTML 10Page - STMicroelectronics SD4931 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SD4931
Typical performance
Doc ID 15486 Rev 3
7/13
Figure 4.
Power gain and efficiency vs output power_Vdd = 50 V, Idq = 250 mA
Freq = 175 MHz
Table 6.
Vgs sort (@250 mA)
Marking
Min.
Max.
DD
1.5
1.6
EE
1.6
1.7
FF
1.7
1.8
A1.8
1.9
B1.9
2
C2
2.1
D2.1
2.2
E2.2
2.3
F2.3
2.4
G2.4
2.5
H2.5
2.6
I2.6
2.7
J2.7
2.8
K2.8
2.9
L2.9
3
M3
3.1
N3.1
3.2
O3.2
3.3
P3.3
3.4
Q3.4
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com