Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4931 Datasheet (PDF) - STMicroelectronics

SD4931 Datasheet PDF - STMicroelectronics
Part # SD4931
Download  SD4931 Download
File Size   185.54 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistors HF/VHF/UHF N-channel MOSFETs

SD4931 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4931 Datasheet PDF - STMicroelectronics

Part # SD4931
Download  SD4931 Click to download

File Size   185.54 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF power transistors HF/VHF/UHF N-channel MOSFETs

SD4931 Datasheet (HTML) - STMicroelectronics


SD4931 Product details

Description
The SD4931 is an N-channel MOS field-effect RF power transistor. It is intended for use in 50 V DC large signal applications up to 250 MHz.

Features
• Improved ruggedness V(BR)DSS > 200 V
• Excellent thermal stability
• 20:1 all phases load mismatch capability
• POUT = 150 W min. with 14.8 dB gain @ 175 MHz
• In compliance with the 2002/95/EC European directive




Similar Part No. - SD4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4933 STMICROELECTRONICS-SD4933 Datasheet
646Kb / 19P
HF/VHF/UHF RF power N-channel MOSFET
11-Aug-2011
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
logo
Silan Microelectronics ...
SD4938 SILAN-SD4938 Datasheet
221Kb / 8P
150V CURRENT MODE PWM CONTROLLER
Rev.:1.0
SD4938S SILAN-SD4938S Datasheet
221Kb / 8P
150V CURRENT MODE PWM CONTROLLER
Rev.:1.0
More results


Similar Description - SD4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
REV. 4
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
27-May-2003
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com