Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4931 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4931
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4931 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4931 Datasheet HTML 1Page - STMicroelectronics SD4931 Datasheet HTML 2Page - STMicroelectronics SD4931 Datasheet HTML 3Page - STMicroelectronics SD4931 Datasheet HTML 4Page - STMicroelectronics SD4931 Datasheet HTML 5Page - STMicroelectronics SD4931 Datasheet HTML 6Page - STMicroelectronics SD4931 Datasheet HTML 7Page - STMicroelectronics SD4931 Datasheet HTML 8Page - STMicroelectronics SD4931 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2011
Doc ID 15486 Rev 3
1/13
13
SD4931
RF power transistors
HF/VHF/UHF N-channel MOSFETs
Features
■ Improved ruggedness V(BR)DSS > 200 V
■ Excellent thermal stability
■ 20:1 all phases load mismatch capability
■ POUT = 150 W min.
with 14.8 dB gain @ 175 MHz
■ In compliance with the 2002/95/EC European
directive
Description
The SD4931 is a N-channel MOS field-effect RF
power transistor. It is intended for use in 50 V DC
large signal applications up to 250 MHz.
Figure 1.
Pin connection
M174
Epoxy sealed
1
3
4
2
1. Drain
2. Source
3. Gate
4. Source
Table 1.
Device summary
Order code
Marking
Base qty.
Package
Packaging(1)
SD4931
SD4931(1)
25 pcs
M174
Plastic tray
1.
For more details please refer to
Chapter 5: Marking, packing and shipping specifications..
www.st.com


Similar Part No. - SD4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4933 STMICROELECTRONICS-SD4933 Datasheet
646Kb / 19P
HF/VHF/UHF RF power N-channel MOSFET
11-Aug-2011
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
logo
Silan Microelectronics ...
SD4938 SILAN-SD4938 Datasheet
221Kb / 8P
150V CURRENT MODE PWM CONTROLLER
Rev.:1.0
SD4938S SILAN-SD4938S Datasheet
221Kb / 8P
150V CURRENT MODE PWM CONTROLLER
Rev.:1.0
More results

Similar Description - SD4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
REV. 4
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
27-May-2003
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com