Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4931 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD4931
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4931 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD4931 Datasheet HTML 5Page - STMicroelectronics SD4931 Datasheet HTML 6Page - STMicroelectronics SD4931 Datasheet HTML 7Page - STMicroelectronics SD4931 Datasheet HTML 8Page - STMicroelectronics SD4931 Datasheet HTML 9Page - STMicroelectronics SD4931 Datasheet HTML 10Page - STMicroelectronics SD4931 Datasheet HTML 11Page - STMicroelectronics SD4931 Datasheet HTML 12Page - STMicroelectronics SD4931 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SD4931
Package mechanical data
Doc ID 15486 Rev 3
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 7.
M174 (0.500 DIA 4/L N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.56
5.584
0.219
0.230
B3.18
0.125
C
6.22
6.48
0.245
0.255
D
18.28
18.54
0.720
0.730
E3.18
0.125
F
24.64
24.89
0.970
0.980
G
12.57
12.83
0.495
0.505
H
0.08
0.18
0.003
0.007
I
2.11
3.00
0.083
0.118
J
3.81
4.45
0.150
0.175
K7.11
0.280
L
25.53
26.67
1.005
1.050
M
3.05
3.30
0.120
0.130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com