Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC111 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC111
Description  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC111 Datasheet HTML 1Page - Espros Photonics corp EPC111 Datasheet HTML 2Page - Espros Photonics corp EPC111 Datasheet HTML 3Page - Espros Photonics corp EPC111 Datasheet HTML 4Page - Espros Photonics corp EPC111 Datasheet HTML 5Page - Espros Photonics corp EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
epc111/112
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Power Supply Voltage at pin VDD
-0.3V to +5.5V
Min.
Max.
Units
Voltage to any pin except VDD
-0.3V to VDD +0.3 V
Supply voltage at VDD (=VDD33)
3.0
3.6
V
Output current at any pin except LED
-6mA to +6mA
Supply voltage at VDD33 (=VDD)
3.0
3.6
V
Power Consumption with maximum load
125 mW
Operating Temperature (TO)
-40°
+85°
C
Lead Temperature solder, 4 sec. (TL)
+260°C
Relative Humidity (non-condensing)
+5
+95
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specific -
ations and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and
assembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
3.0V < VDD < 3.6V, -40°C < TA < +85°C, unless otherwise specified
General Data
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VN
Power supply voltage
at VDD and VDD33
3.0
3.3
3.6
VPUP
Power-up Threshold Voltage
Voltage at VDD33 when the device starts up
2.4
3
V
VPP
Ripple on supply voltage,
peak to peak
Type
Input pulse IPD NST
epc111
60nA
250
mV
epc112
108nA
600
mV
IDD_OP
Current consumption
in operation mode IPD = 0 mA, no load
2
mA
VNOH
Output high voltage OUTN
VN- 0.5V
V
VNOL
Output low voltage OUTN
@ 4mA source
0.5
V
VHOH
Output high voltage OUTH
see Figure 6
VHOL
Output low voltage OUTH
@ 3mA source. See Figure 6.
0.5
V
VLEDH
Output high voltage
VN- 0.5V
V
VLEDL
Output low voltage
0.5
V
ILED
Source current maximum
@ Pin LED
0.7
mA
fclk
Reference clock
of internal oscillator - for information only
1
MHz
dfclk
Temperature drift
of the oscillator - for information only
640
ppm/K
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc111_112 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com