Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC111 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC111
Description  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp EPC111 Datasheet HTML 10Page - Espros Photonics corp EPC111 Datasheet HTML 11Page - Espros Photonics corp EPC111 Datasheet HTML 12Page - Espros Photonics corp EPC111 Datasheet HTML 13Page - Espros Photonics corp EPC111 Datasheet HTML 14Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
epc111/112
Mechanical dimension QFN16 Package
LST
Mechanical dimension SOT23-6L
LST
Top view
2.9 - 3.1
1.9
0.25
15.08.2010
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
0.5
Bottom View
0.3
Figure 16: QFN-16: Mechanical dimensions
Reflow Solder Profile
For infrared or conventional soldering the solder profile has to follow the recommendations of IPC/JEDEC J-STD-020C (min. revision C) for
Pb-free assembly for both types of packages. The peak soldering t emperature (TL) should not exceed +260°C for a maximum of 4 sec.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
12
Datasheet epc111_112 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com