Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC111 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC111
Description  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC111 Datasheet HTML 1Page - Espros Photonics corp EPC111 Datasheet HTML 2Page - Espros Photonics corp EPC111 Datasheet HTML 3Page - Espros Photonics corp EPC111 Datasheet HTML 4Page - Espros Photonics corp EPC111 Datasheet HTML 5Page - Espros Photonics corp EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
epc111/112
Fully integrated standalone light barrier driver & receiver
General Description
The epc111/112 is a general purpose, fully integrated self-contained
CMOS circuit family to be used in light-barrier applications.
The chip contains a controller which drives an LED, typically an IR-
LED. The LED is used in a pulsed mode to increase the signal-to-
noise ratio even when there is very strong sunlight biasing the photo
diode.
It contains also a high sensitive photo diode amplifier and a signal
conditioning circuitry to cancel unwanted environmental light including
strong sunlight and pulsed light sources. The receiver is built around a
synchronous demodulator circuitry. Two output signals with different
threshold levels are implemented in order to trigger the light barrier
output or to indicate light reserve.
The chip also includes a power supply circuitry to establish all
internally required voltages from one source only.
It can be used as a standalone device forming the whole core of an
industrial light barrier.
Features
Fully integrated light barrier chip
Needs just a photo diode and a LED with a LED driver
Various types are available, i.e. high sensitivity or high speed
Integrated clock generator
CSP10 package with very small footprint
or standard QFN16 package available
Applications
Light barriers ranging from millimeters to tens of meters
Smoke detectors
Liquid detectors
Functional Block Diagram
for 10-Pin Chip Scale Package (for 16-pin QFN Package)
Functional Block diagram epc70x
LST
OUTH
Parameter
Memory
Interface
OUTN
NC
VDD33
PD
16.12.2010
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
LED
D1
V
LED
f
VDD18
Signal
Processor
Processor
Controller
GND
VDD
LED
9 (12)
10 (10)
7 (15)
4 (4)
1 (9)
VDD
2 (7)
8 (14)
3 (6)
5 (2)
6 (1)
NC
Figure 1: Block Diagram
Type
Response Time
Sensitivity
Typical Application
epc111
Medium
Medium (High)
Long range light barrier
epc112
Fast
Medium
High speed detection rate
Table 1: Characteristics of available types
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
1
Datasheet epc111_112 - V2.2
www.espros.ch


Similar Part No. - EPC111

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1110H PCA-EPC1110H Datasheet
19Kb / 1P
Ethernet DC/DC Regulated Converter
EPC1110HN2 PCA-EPC1110HN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1110HN2 PCA-EPC1110HN2_15 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1110P PCA-EPC1110P Datasheet
19Kb / 1P
Ethernet DC/DC Regulated Converter
EPC1110P PCA-EPC1110P_15 Datasheet
32Kb / 1P
Ethernet DC/DC Regulated Converter
More results

Similar Description - EPC111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
logo
Sipex Corporation
SP8040 SIPEX-SP8040 Datasheet
23Kb / 2P
4 Channel, 100MHz Fully Integrated PDIC Receiver
logo
Espros Photonics corp
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
Fully integrated configurable light barrier driver & receiver
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
STMicroelectronics
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
Espros Photonics corp
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
Fully integrated standalone light barrier driver & receiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
Fully Integrated Low IF Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com