Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC111 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC111
Description  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp EPC111 Datasheet HTML 10Page - Espros Photonics corp EPC111 Datasheet HTML 11Page - Espros Photonics corp EPC111 Datasheet HTML 12Page - Espros Photonics corp EPC111 Datasheet HTML 13Page - Espros Photonics corp EPC111 Datasheet HTML 14Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
epc111/112
Packaging Information (all measures in mm)
Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13 inch)
reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indicate the
tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA) standard
481-1, 481-2, 481-3.
Pin 1
Pin 1
8
2
CSP6 Tape
QFN16 Tape
Pin 1
Pin 1
8
4
CSP6 Tape
QFN16 Tape
Figure 17: CSP10 and QFN16 Tape Dimension. Parts are placed with solder pads on bottom side
ESPROS Photonics AG does not guarantee that there are no empty cavities. Thus, the pick-and-place machine should check the presence of
a chip during picking.
Ordering Information
Type
Response Time
Sensitivity
Package
RoHS compliance
Packaging Method
epc111-CSP10
Medium
High
CSP10
Yes
Reel
epc111-QFN16
Medium
High
QFN16
Yes
Reel
epc112-CSP10
Fast
Medium
CSP10
Yes
Reel
epc112-QFN16
Fast
Medium
QFN16
Yes
Reel
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
13
Datasheet epc111_112 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com