Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # DOC
Description  Surface Mount Oven Stabilized Oscillator DOC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

DOC Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  DOC Datasheet HTML 1Page - Connor-Winfield Corporation DOC Datasheet HTML 2Page - Connor-Winfield Corporation DOC Datasheet HTML 3Page - Connor-Winfield Corporation DOC Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Oven Stabilized Oscillator
DOC Series
Bulletin
Cx207
Page
1 of 4
Revision
10
Date
25 May 2011
Description:
Connor-Winfield’shighstabilityDOC
OCXO/OCVCXOseriesareexceptionally
precisefrequencystandards,excellentfor
useincellularbasestations,testequipment,
SynchronousEthernetandVSATapplications.
ThesetruesurfacemountOCXO/
OCVCXOprovidefrequencystabilitiesin
therangeof±20ppbto±100ppb,overthe
commercial,extendedcommercialorthe
industrialtemperaturerange.
TheDOCseriesisavailablewitha
CMOSoutputalongwithoptionalElectronic
FrequencyTuning(OCVCXO).These
oscillatorsprovideoutstandingphasenoise
characteristicsthatwillmeetthemost
stringentrequirements.
Features:
OCXO/OCVCXO
3.3VdcOperation
SMTPackage
FrequencyStabilitiesAvailable:
±20ppb,±50ppbor±100ppb
TemperatureRangesAvailable:
0to70°C,-20to75°Cor-40to85°C
LowPhaseNoise
LVCMOSOutput
OptionalElectronicFrequencyTuning
RoHSCompliant/LeadFree
1 0 2
8
D O
C 0 5
0 F
1 0 .
0 M H
Z
Ordering Information
Example Part Numbers:
DOC050F-010.0M = 9x14mm package,
±50 ppb, 0 to 70°C, 3.3 Vdc, CMOS Output, OCXO, Output Frequency 10.0 MHz
DOC022V-020.0M = 9x14mm package,
±20 ppb, -40 to 85°C, 3.3 Vdc, CMOS Output, OCVCXO, 20.0 MHz
Oscillator
Type
3.3 Vdc
LVCMOS Output
Surface Mount
OCXO
Temperature
Range
0 = 0 to 70°C
1 = -20 to 75°C
2 = -40 to 85°C
Output
Frequency
Frequency
Format
-xxx.xM Min.*
-xxx.xxxxxxM Max*
*Amount of
numbers after the
decimal point.
M = MHz
DOC
0
Frequency
Stability
02 = ±20 ppb
05 = ±50 ppb
10 = ±100 ppb
05
Voltage Control
Option
F = OCXO
(Fixed Freq.)
V = OCVCXO
(Voltage Controlled)
F
-010.0M
Package Outline
Suggested Pad Layout
0.358
(9.1mm)
0.555
(14.1mm)
0.270 Max.
(6.85mm)
0.060
(1.52mm)
0.100
(2.54mm)
0.100
(2.54mm)
0.275
(6.99mm)
0.040
(1.02mm)
0.025
(0.64mm)
Top
View
Side
View
Bottom
View
DNC
DNC
DNC = Do Not Connect
Keep
Out
Area
0.260
(6.60mm)
0.085
(2.16mm)
0.375
(9.52mm)
0.085
(2.16mm)
0.040
(1.02mm)
Top
View
0.060
(1.52mm)
1
2
3
4
5
6
Dimensional Tolerance: +/-0.005 (0.127mm)
Pad Connections
1:N/CorVcoption
2:N/C
3 Ground:
4:Output
5:N/C
6:SupplyVoltage(Vcc)
Specifications subject to change without notice. All dimensions in inches. © Copyright 2010 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com


Similar Part No. - DOC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
DOC-2000-D128 AAEON-DOC-2000-D128 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D144 AAEON-DOC-2000-D144 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D192 AAEON-DOC-2000-D192 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D288 AAEON-DOC-2000-D288 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
DOC-2000-D32 AAEON-DOC-2000-D32 Datasheet
626Kb / 1P
Single-chip Plug-N-Play Flash Disk
More results

Similar Description - DOC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOAH MMD-MOAH Datasheet
120Kb / 1P
Oven Controlled Oscillator
MOBH MMD-MOBH Datasheet
118Kb / 1P
Oven Controlled Oscillator
logo
Connor-Winfield Corpora...
OH100 CONNOR-WINFIELD-OH100 Datasheet
507Kb / 4P
Oven Stabilized Oscillator
OH300 CONNOR-WINFIELD-OH300 Datasheet
717Kb / 6P
Oven Stabilized Oscillator
logo
MMD Components
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
Oven Controlled Oscillator
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
Oven Controlled Oscillator
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
Oven Controlled Oscillator
logo
Connor-Winfield Corpora...
DOC100V-020M CONNOR-WINFIELD-DOC100V-020M Datasheet
648Kb / 4P
Surface Mount Oven Stabilized Oscillator DOC Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com