Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # DOC
Description  Surface Mount Oven Stabilized Oscillator DOC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

DOC Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  DOC Datasheet HTML 1Page - Connor-Winfield Corporation DOC Datasheet HTML 2Page - Connor-Winfield Corporation DOC Datasheet HTML 3Page - Connor-Winfield Corporation DOC Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2010 The Connor-Winfield Corporation
Environmental Characteristics
Shock
500G’s1ms,Halfsine,3shocksperdirection,perMIL-STD202G,Method213BTestConditionD.
SinusoidalVibration0.06”D.A.or10G’sPeak,10to500Hz,perMIL-STD-202G,Method204D,TestConditionA.
RandomVibration5.35G’srms.20to2000HzperMIL-STD-202G,Method214,TestCondition1A,15minuteseachaxis.
Moisture
10cycles,95%RH,PerMIL-STD-202G,Method112.
MarkingPermanencyPerMIL-STD-202G,Method215J.
SolderProcessRoHScompliant,leadfree.Seesolderprofileonpage4.
Package Characteristics
DOC-SeriesPackage
PackageconsistingofaFR4substrateandaRyton-R4cover.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Cx207
Page
3 of 4
Revision
10
Date
25 May 2011
OCVCXO Input Characteristics (Optional)
Parameter
Minimum
Nominal
Maximum
Units
Notes
ControlVoltageRange:
0.30
1.65
3.00
V
6
FrequencyPullability:
±10.0
-
-
ppm
7
InputImpedance
100K
-
-
Ohms
Linearity
±5
-
-
%
Recommended Cleaning Process
DOCSeriesPackage
Washonlyinainlinehighpressurewashstationthathasanairknifeanddryingcapabilities.
(Dryingtemperaturerangefrom85°to100°C)
Notes:
1.Frequencystabilityvs.changeintemperature.[±(Fmax-Fmin)/2.Fo].
2.Initialcalibration@25°C.ForOCVCXOcontrolvoltagemustbefixed.
3.After30daysofoperation
4.Inclusiveofcalibration@25°C,frequencyvs.changeintemperature,changeinsupplyvoltage(±5%),loadchange(±5%),shockandvibration
and20yearsaging
5.Attention:Toachieveoptimalfrequencystability,andinsomecasestomeetthespecificationstatedonthisdatasheet,itisrequiredthatthecircuit
connectedtothisOCXOoutputmusthavetheequivalentinputcapacitancethatisspecifiedbythenominalloadcapacitance.Deviationsfromthe
nominalloadcapacitancewillhaveagraduatedeffectonthestabilityofapproximately20ppbperpFloaddifference.
6.Positiveslope.(FrequencyincreasesasVcvoltageincreases.)
7.ReferencedtoFo.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com