Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # DOC
Description  Surface Mount Oven Stabilized Oscillator DOC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

DOC Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  DOC Datasheet HTML 1Page - Connor-Winfield Corporation DOC Datasheet HTML 2Page - Connor-Winfield Corporation DOC Datasheet HTML 3Page - Connor-Winfield Corporation DOC Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2010 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
CMOS Test Circuit
Bulletin
Cx207
Page
4 of 4
Revision
10
Date
25 May 2011
Pad 1
OCXO = N/C
OCVCXO = Vc
N/C
2
N/C
15 pF
CMOS Output Waveform
SM-MECH42
Typical phase noise plot for DOC050F-010.0M
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
Phase Noise Plot
RoHS Solder Profile
Tape and Reel Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com