Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # DOC
Description  Surface Mount Oven Stabilized Oscillator DOC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

DOC Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  DOC Datasheet HTML 1Page - Connor-Winfield Corporation DOC Datasheet HTML 2Page - Connor-Winfield Corporation DOC Datasheet HTML 3Page - Connor-Winfield Corporation DOC Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2010 The Connor-Winfield Corporation
Bulletin
Cx207
Page
2 of 4
Revision
10
Date
25 May 2011
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
CenterFrequency:(Fo)
10,12.8,19.44,20or25
MHz
FrequencyStabilityvs.ChangeinTemperature:(SeeOrderingInformation)
StabilityCode02
-20.0
-
20.0
ppb
1
StabilityCode05
-50.0
-
50.0
ppb
1
StabilityCode10
-100.0
-
100.0
ppb
1
OperatingTemperatureRange:(SeeOrderingInformation)
TemperatureCode0
0
-
70
°C
TemperatureCode1
-20
-
75
°C
TemperatureCode2
-40
-
85
°C
FrequencyCalibration:
-1.0
-
1.0
ppm
2
FrequencyStabilityvsLoad
-20
-
20
ppb
±5%
FrequencyStabilityvsVoltage
-20
-
20
ppb
±5%
Aging:Daily:
-10
-
10
ppb/day
3
Aging:FirstYear:
-300
-
300
ppb
3
TotalFrequencyTolerance(20Years)
-4.60
-
4.60
ppm
4
SupplyVoltage:(Vcc)
3.13
3.30
3.47
Vdc
±5%
PowerConsumption:Vcc=NominalVoltage
TurnOn
-
-
3.0
W
SteadyState@25°C
-
-
1.3
W
PhaseJitter:(BW:12KHztoFo/2)
-
0.5
1.0
psRMS
ShortTermStability
-
-
1.0E-9/s
Start-UpTime:
-
-
1
ms
WarmUpTime(WithinSpecification@25°C)
-
-
60
s
WarmUpTime(WithinSpecification@-40°C)
-
-
90
s
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
StorageTemperature
-55
-
125
°C
SupplyVoltage-3.3Vdc(Vcc)
-0.5
-
4.5
Vdc
SupplyVoltage-5.0Vdc(Vcc)
-0.5
-
7.0
Vdc
ControlVoltage(Vc)
-0.5
-
Vcc+0.5
Vdc
CMOS Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
-
15
-
pF
5
OutputVoltage:
3.3VdcModelsHigh(Voh)
2.70
-
-
V
Low(Vol)
-
-
0.30
DutyCycleat50%ofVcc
45
50
55
%
Rise/FallTime:10%to90%
-
-
6.5
ns
Phase Noise Characteristics
Typical Phase Noise for DOC050F - 010.0M
Parameter
Minimum
Nominal
Maximum
Units
Notes
@1Hzoffset
-
-67
-
dBC/Hz
@10Hzoffset
-
-100
-
dBC/Hz
@100Hzoffset
-
-130
-
dBC/Hz
@1KHzoffset
-
-148
-
dBC/Hz
@10KHzoffset
-
-154
-
dBC/Hz
@100KHzoffset
-
-155
-
dBC/Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com