Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS464 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9LPRS464 Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
General Description
The ICS9LPRS464 is a main clock synthesizer chip that provides all clocks required for ATI RD/RS600-based systems. An SMBus
interface allows full control of the device.
Funtional Block Diagram
CONTROL
LOGIC
XTAL
OSC.
FIXED PLL
48MHz(1:0)
REF(2:0)
SRCCLK(5:0)
X1
X2
PLL
CPU
DIV
PD
SMBDAT
SMBCLK
FS(2:0)
CLKREQB#
ATIG
DIV
ATIGCLK(1:0)
CPUCLK(1:0)
CLKREQC#
SRC
DIV
HTT
DIV
HTTCLK0
RESET_IN#
CLKREQA#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com