Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS464 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9LPRS464 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
SRC Reference Clock
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
2
L2 length, Route as non-coupled 50 ohm trace.
N/A
inch
2
L3 length, Route as non-coupled 50 ohm trace.
N/A
inch
2
Rs
33
ohm
2
Rt
49.9
ohm
2
Down Device Differential Routing
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
2
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
2
Differential Routing to PCI Express Connector
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
3
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max
inch
3
Figure 2 Down device routing.
PCI Ex Board
Down Device
REF_CLK Input
L1
L4
L1’
L4’
Figure 2
Figure 3 PCI Express Connector Routing.
Low Power Output Buffer
w/integrated series resistor
PCI Ex
Add In Board
REF_CLK Input
L1
L4
L1’
L4’
Figure 3
Low Power Output Buffer
w/integrated series resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com