Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS464 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPRS464 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
Table3: ATIG Frequency Selection Table
Bit4
Bit3
Bit1
Bit0
ATIG
SS_EN
ATIG
FS3
ATIG
FS2
ATIG
FS1
ATIG
FS0
0
0
0
0
0
100.00
0
0%
0
0
0
0
1
105.00
0
5%
0
0
0
1
0
110.00
0
10%
0
0
0
1
1
115.00
0
15%
0
0
1
0
0
120.00
0
20%
0
0
1
0
1
125.00
0
25%
0
0
1
1
0
130.00
0
30%
0
0
1
1
1
135.00
0
35%
0
1
0
0
0
100.00
0
0%
0
1
0
0
1
105.00
0
5%
0
1
0
1
0
110.00
0
10%
0
1
0
1
1
115.00
0
15%
0
1
1
0
0
120.00
0
20%
0
1
1
0
1
125.00
0
25%
0
1
1
1
0
130.00
0
30%
0
1
1
1
1
135.00
0
35%
1
0
0
0
0
100.00
-0.25%
0%
1
0
0
0
1
105.00
-0.25%
5%
1
0
0
1
0
110.00
-0.25%
10%
1
0
0
1
1
115.00
-0.25%
15%
1
0
1
0
0
120.00
-0.25%
20%
1
0
1
0
1
125.00
-0.25%
25%
1
0
1
1
0
130.00
-0.25%
30%
1
0
1
1
1
135.00
-0.25%
35%
1
1
0
0
0
100.00
-0.5%
0%
1
1
0
0
1
105.00
-0.5%
5%
1
1
0
1
0
110.00
-0.5%
10%
1
1
0
1
1
115.00
-0.5%
15%
1
1
1
0
0
120.00
-0.5%
20%
1
1
1
0
1
125.00
-0.5%
25%
1
1
1
1
0
130.00
-0.5%
30%
1
1
1
1
1
135.00
-0.5%
35%
Byte 0
Bit 6
ATIG(2:0)
(MHz)
Spread
%
ATIG
OverClock
%
Byte 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com